Electronic Components Datasheet Search
  English  ▼

X  

MLX90333 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90333
Description  Triaxis 3D-Joystick Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90333 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90333 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90333 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
MLX90333
Triaxis 3D-Joystick Position Sensor
3901090333
Page 13 of 38
Data Sheet
Rev. Preliminary
May 07
7. MLX90333 Electrical Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (K).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Supply Voltage
VDD
4.5
5
5.5
V
Supply Current(3)
Idd
Slow mode(4)
Fast mode(4)
8.5
13.5
11
16
mA
mA
POR Level
VDD POR Supply Under Voltage
2
2.7
3
V
Output Current
Both outputs OUT 1 & OUT 2
Iout
Analog Output mode
PWM Output mode
-8
-20
8
20
mA
mA
Output Short Circuit Current
Both outputs OUT 1 & OUT 2
Ishort
Vout = 0 V
Vout = 5 V
Vout = 14 V (TA = 25°C)
12
12
24
15
15
45
mA
mA
mA
Output Load
Both outputs OUT 1 & OUT 2
RL
Pull-down to Ground
Pull-up to 5V(5)
1
1
10
10
∞(6)
∞(6)
k
Ω
k
Ω
Vsat_lo
Pull-up load RL
≥ 10 kΩ
3
%VDD
Analog Saturation Output Level
Both outputs OUT 1 & OUT 2
Vsat_hi
Pull-down load RL
≥ 10 kΩ
96
%VDD
VsatD_lo
Pull-up Low Side RL
≥ 10 kΩ
Push-Pull (IOUT = -20mV)
1.5
%VDD
Digital Saturation Output Level
Both outputs OUT 1 & OUT 2
VsatD_hi
Push-Pull (IOUT = 20mV)
97
%VDD
Diag_lo
Pull-down load RL
≥ 10 kΩ
Pull-up load RL
≥ 10 kΩ
1
1.5
%VDD
Active Diagnostic Output Level
Both outputs OUT 1 & OUT 2
Diag_hi
Pull-down load RL
≥ 10 kΩ
Pull-up load RL
≥ 10 kΩ
97
98
%VDD
BVSSPD
Broken VSS&
Pull-down load RL ≤ 10 kΩ
4(7)
%VDD
BVSSPU
Broken VSS(8) &
Pull-up load RL
≥ 1kΩ
99
100
%VDD
BVDDPD
Broken VDD(8) &
Pull-down load RL
≥ 1kΩ
0
1
%VDD
Passive Diagnostic Output Level
Both outputs OUT 1 & OUT 2
(Broken Track Diagnostic) (7)
BVDDPU
Broken VDD &
Pull-up load to 5V
No Broken Track diagnostic
%VDD
Clamp_lo Programmable
0
100
%VDD(9)
Clamped Output Level
Both outputs OUT 1 & OUT 2
Clamp_hi Programmable
0
100
%VDD(9)
3
For the dual version, the supply current is multiplied by 2
4
See section 14.5.1 for details concerning Slow and Fast mode
5
Applicable for output in Analog and PWM (Open-Drain) modes
6
RL <
∞ for output in PWM mode
7
For detailed information, see also section 15
9
Clamping levels need to be considered vs the saturation of the output stage (see Vsat_lo and Vsat_hi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com