Electronic Components Datasheet Search
  English  ▼

X  

MLX16303 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX16303
Description  Bi-directional Remote Sensor Unit Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX16303 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX16303 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 20Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MLX16303
Bi-directional Remote Sensor Unit Interface
3901016303
Page 19 of 20
Data Sheet
Rev. 004
Jun/04
7. Reliability Information
This Melexis device is classified and qualified regarding soldering technology, solderability and moisture
sensitivity level, as defined in this specification, according to following test methods:
IPC/JEDEC J-STD-020
Moisture/Reflow Sensitivity Classification For Nonhermetic Solid State Surface Mount Devices
(classification reflow profiles according to table 5-2)
EIA/JEDEC JESD22-A113
Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing
(reflow profiles according to table 2)
CECC00802
Standard Method For The Specification of Surface Mounting Components (SMDs) of Assessed
Quality
EIA/JEDEC JESD22-B106
Resistance to soldering temperature for through-hole mounted devices
EN60749-15
Resistance to soldering temperature for through-hole mounted devices
MIL 883 Method 2003 / EIA/JEDEC JESD22-B102
Solderability
For all soldering technologies deviating from above mentioned standard conditions (regarding peak
temperature, temperature gradient, temperature profile etc) additional classification and qualification tests
have to be agreed upon with Melexis.
The application of Wave Soldering for SMD’s is allowed only after consulting Melexis regarding assurance
of adhesive strength between device and board.
Based on Melexis commitment to environmental responsibility, European legislation (Directive on the
Restriction of the Use of Certain Hazardous substances, RoHS) and customer requests, Melexis has
installed a Roadmap to qualify their package families for lead free processes also.
Various lead free generic qualifications are running, current results on request.
For more information on manufacturability/solderability see quality page at our website:
http://www.melexis.com/html/pdf/MLXleadfree-statement.pdf
8. ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com