Electronic Components Datasheet Search
  English  ▼

X  

TH3122 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH3122
Description  K-Bus Transceiver with integrated Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH3122 Datasheet HTML 1Page - Melexis Microelectronic Systems TH3122 Datasheet HTML 2Page - Melexis Microelectronic Systems TH3122 Datasheet HTML 3Page - Melexis Microelectronic Systems TH3122 Datasheet HTML 4Page - Melexis Microelectronic Systems TH3122 Datasheet HTML 5Page - Melexis Microelectronic Systems TH3122 Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122 Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122 Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Pin Diagram
Features and Benefits
K-Bus Transceiver:
PNP-open emitter driver with slew rate control and current limitation
BUS input voltage -24V ... 30V (independently of VS)
ISO 9141 and ODBII compliant
Possibility of BUS wake up
Operating voltage VS = 5.5 ... 16 V
Very low standby current consumption <100
µ A
in normal mode (< 50
µ A in sleep mode)
Linear low drop voltage regulator:
Output voltage 5V± 2%
Output current max. 100mA
Output current limitation
Overtemperature shutdown
Configurable reset time (15ms/100ms) and reset threshold voltage (3.15V / 4.65V)
Low voltage detection at VS
Wake-up by K-BUS traffic and start-up capable independent of EN voltage level
Universal comparator with an input voltage range –24V … 30V and digital output
Load dump protected (40V)
Ordering Information
Part No.
Temperature Code
Package Code
TH3122
K ( -40ºC to 125ºC )
DF ( SOIC16, 300mil )
General Description
The TH3122 consists of a low drop voltage
regulator 5V/100mA and a K-Bus transceiver. The
transceiver is suitable for K-Bus systems conform
to ISO 9141.
The combination of voltage regulator and bus
transceiver in combination with the monitoring
TH3122
1
EN
SENSE
GND
GND
VTR
GND
GND
RESET
BUS
SO
SI
SEN/STA
RxD
TxD
16
15
14
13
12
11
10
9
8
7
6
5
4
2
3
VS
VCC
SOIC16
Dec/04
Page 1
3901003122
Rev 004
functions make it possible to develop simple, but
powerful and cheap nodes in K-Bus systems.
The wide output current area and the configurable
reset time and reset voltage works together with
many different microcontrollers.
TH3122
K-Bus Transceiver with integrated Voltage Regulator


Similar Part No. - TH3122

ManufacturerPart #DatasheetDescription
logo
amphenol-sensors
TH310F33F AMPHENOLADVANCEDSENSORS-TH310F33F Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
TH310F33G AMPHENOLADVANCEDSENSORS-TH310F33G Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
TH310F33H AMPHENOLADVANCEDSENSORS-TH310F33H Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
TH310F33J AMPHENOLADVANCEDSENSORS-TH310F33J Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
TH310F33K AMPHENOLADVANCEDSENSORS-TH310F33K Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
More results

Similar Description - TH3122

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
lin bus transceiver with integrated voltage regulator
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6629 ATMEL-ATA6629_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com