Electronic Components Datasheet Search
  English  ▼

X  

MLX71121 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX71121
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71121 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX71121 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
MLX71121
300 to 930MHz
FSK/FM/ASK Receiver
39010 71121
Page 19 of 28
Data Sheet
Rev. 007
Feb/08
Pin No.
Name
I/O Type
Functional Schematic
Description
31
RFSEL
CMOS
input
VEE
VEE
VCC
VCC
31
RFSEL
400
receive frequency select
input
32
LNASEL
CMOS
input
VEE
VCC
32
LNASEL
400
LNA select input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com