Electronic Components Datasheet Search
  English  ▼

X  

42421 Datasheet(PDF) 1 Page - Wiha Tools

Part # 42421
Description  PicoFinish® fine screwdriver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

42421 Datasheet(HTML) 1 Page - Wiha Tools

  42421 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
153
153
Lifter PicoFinish
268P
Order-No.
42507
50
3,5
150
18
1
3,5
10
PicoFinish® fine screwdriver
INFOBOX:
Pentalobe
The security profile for Apple devices.
• Ideal for repairing Apple smartphones, tablets and
notebooks.
• Note: The guarantee and warranty conditions of the
device manufacturer must be observed.
Ball end hex
264P
Order-No.
42431
1,3 (0,05")
40
134
9
10
42432
1,5
50
150
18
10
42433
2,0
50
150
18
10
42434
2,5
60
160
18
10
42435
3,0
60
160
18
10
Hex
263P
Order-No.
42421
0,9 (0,035")
40
134
9
1
42422
1,3 (0,05")
40
134
9
1
42423
1,5
50
144
9
1
42424
2,0 (5/64")
50
150
18
1
42425
2,5
60
160
18
1
42426
3
60
160
18
1
Hexagonal ball end, inch design
264P Zoll
Order-No.
42436
1/16"
50
150
18
10
42440
5/64"
50
150
18
10
42438
3/32"
50
150
18
10
42441
7/64"
60
160
18
10
42437
1/8"
60
160
18
10
42442
9/64"
60
160
18
10
42439
5/32"
60
160
18
10
Hex nut driver
265P
Order-No.
42443
1,5
60
160
18
10
42444
1,8
60
160
18
10
42445
2
60
160
18
10
42446
2,5
60
160
18
10
42447
3,0
60
160
18
10
42449
3,5
60
160
18
10
42450
4,0
60
160
18
10
42451
4,5
60
160
18
10
42452
5
60
160
18
10
42453
5,5
60
160
18
10
42454
6
60
160
18
10
42455
7
60
160
18
10
Hexagon nut driver, inch design
265P Zoll
Order-No.
42459
3/32"
60
160
18
10
42462
7/64"
60
160
18
10
42457
1/8"
60
160
18
10
42463
9/64"
60
160
18
10
42460
5/32"
60
160
18
10
42458
3/16"
60
160
18
10
42461
7/32
60
160
18
10
42456
1/4"
60
160
18
10


Similar Part No. - 42421

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4242 ADAFRUIT-4242 Datasheet
1Mb / 3P
Adafruit PyGamer for MakeCode Arcade, CircuitPython or Arduino
logo
Peregrine Semiconductor...
4242-00 PEREGRINE-4242-00 Datasheet
276Kb / 8P
SPDT UltraCMOS??RF Switch
4242-00 PEREGRINE-4242-00 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
4242-01 PEREGRINE-4242-01 Datasheet
276Kb / 8P
SPDT UltraCMOS??RF Switch
4242-01 PEREGRINE-4242-01 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
More results

Similar Description - 42421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26076 ETC2-26076 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1200153 PHOENIX-1200153 Datasheet
43Kb / 2P
Screwdriver - SF-TXH 30X115
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com