Electronic Components Datasheet Search
  English  ▼

X  

HTPS315B Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HTPS315B
Description  3.0Amp Surface Mounted Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HTPS315B Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HTPS315B Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HTPS315B Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
75
Maximum repetitive peak reverse voltage
Single phase half-wave 60Hz,resistive or inductive load,
V
V
V
SYMBOLS
U
nits
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
80.0
Operating junction temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=13
0 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TJ = 25 C
at rated DC blocking voltage
TJ=125 C
IR
RqJL
TJ
20
C
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
HTPS315B
150
105
150
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Built-in strain relief,ideal for automated placement
Low reverse leakage
High forward surge current capability
Mechanical Data
Maximum Ratings And Electrical Characteristics
3.0Amp Surface Mounted Schottky Barrier Rectifier
Parameter
0.8
2
2.0
2.0
m A
-
65 to +175
Storage temperature range
TSTG
C
Dimensions in inches and (millimeters)
1.0
μA
HTP
S315B
DO-214AA/SMB
0.087 (2.20)
0.071 (1.80)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)


Similar Part No. - HTPS315B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
HTP ENG KIT 01 KEMET-HTP ENG KIT 01 Datasheet
261Kb / 6P
High Temperature Capacitors
logo
Amphenol Corporation
HTP-100-A-D-105-F AMPHENOL-HTP-100-A-D-105-F Datasheet
54Kb / 4P
High Temperature Probes
HTP-100-A-D-105-G AMPHENOL-HTP-100-A-D-105-G Datasheet
54Kb / 4P
High Temperature Probes
HTP-100-A-D-105-J AMPHENOL-HTP-100-A-D-105-J Datasheet
54Kb / 4P
High Temperature Probes
HTP-100-A-D-105-K AMPHENOL-HTP-100-A-D-105-K Datasheet
54Kb / 4P
High Temperature Probes
More results

Similar Description - HTPS315B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
logo
Tak Cheong Electronics ...
SB320 TAK_CHEONG-SB320 Datasheet
121Kb / 2P
3.0AMP. Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3XSB CYSTEKEC-SK3XSB Datasheet
218Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK34SA CYSTEKEC-SK34SA Datasheet
257Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL_15 Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK3100SC CYSTEKEC-SK3100SC Datasheet
367Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com