Electronic Components Datasheet Search
  English  ▼

X  

KABS310 Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # KABS310
Description  Single Phase 3.0Amp Schottky Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

KABS310 Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  KABS310 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. KABS310 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single phase half-wave 60Hz,resistive or inductive load,
ABS
Ratings at 25 C ambient temperature unless otherwise specified.
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.0034 ounce, 0.098 grams
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Metel-Silicon Junction chip
Low reverse leakage
High forward surge current capability
Mechanical Data
Maximum Ratings And Electrical Characteristics
KABS310
Dimensions in inches and (millimeters)
Single Phase 3.0Amp Schottky Bridge Rectifiers
I t
Rating for fusing (t=8.3ms, Ta=25 C)
26.5
2
A s
2
-55 to +150
Maximum repetitive peak reverse voltage
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
80.0
Operating junction temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
IR
RqJA
TJ
80.0
C
Typical thermal resistance
C/W
KABS310
100
70
100
Parameter
0.85
10
0.1
A
m
-55 to +150
Storage temperature range
TSTG
C
-
+
~
~
0.165(4.2)
0.150(3.8)
0.268(6.8)
0.236(6.0)
0.181(4.6)
0.165(4.2)
0.209(5.3)
0.189(4.8)
0.031(0.8)
0.020(0.5)
0.067(1.7)
0.046(1.2)
0.058(1.5)
0.046(1.2)
0.035(0.9)
0.012(0.3)
0.014(0.35)
0.006(0.15)
0.008(0.2)
Max
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page 1 of 2


Similar Part No. - KABS310

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KABS32 DYELEC-KABS32 Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
logo
Zibo Seno Electronic En...
KABS32 ZSELEC-KABS32 Datasheet
140Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
KABS325 DYELEC-KABS325 Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
More results

Similar Description - KABS310

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBP301G LUGUANG-KBP301G Datasheet
179Kb / 2P
Single Phase 3.0AMP. Glass Passivatec Bridge Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
3.0AMP Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
3.0Amp Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
UG3KB05T DYELEC-UG3KB05T Datasheet
421Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG3KB05G DYELEC-UG3KB05G Datasheet
399Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG3KB05 DYELEC-UG3KB05 Datasheet
397Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
SMC Diode Solutions Co....
KBP3005G SMCDIODE-KBP3005G Datasheet
310Kb / 5P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com