Electronic Components Datasheet Search
  English  ▼

X  

TH71221 Datasheet(PDF) 15 Page - Melexis Microelectronic Systems

Part # TH71221
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221 Datasheet(HTML) 15 Page - Melexis Microelectronic Systems

Back Button TH71221 Datasheet HTML 11Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 12Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 13Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 14Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 15Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 16Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 17Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 18Page - Melexis Microelectronic Systems TH71221 Datasheet HTML 19Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 15 of 44
Data Sheet
Rev. 005
June/07
VEE
VCC
3pF
OUT_PA
LR
L
VCC
3.2.5
FSK Demodulator
The implemented FSK demodulator is based on the phase-coincidence principle. A discriminator tank, which
can either consist of a ceramic discriminator or an LC tank, is connected to pin IN_DEM. If FSK mode is
selected SW1 is open, SW2 is closed and the output of OA2 is multiplexed to pin INT2/PDO.
The demodulator output signal directly feeds the data slicer setup by means of OA1. The data slicer time
constant can be calculated using (8). This time constant should be larger than the longest possible bit dura-
tion of the data stream as described in the previous paragraph.
An on-chip AFC circuit tolerates input frequency variations. The input frequency acceptance range is propor-
tional to the FSK or FM deviation. It can be adjusted by the discriminator tank. The AFC feature is disabled
by default and can be activated in programmable mode.
3.3
Transmitter Part
The output of the PLL frequency synthesizer feeds a power amplifier (PA) in order to setup a complete RF
transmitter. The VCO frequency is identical to the carrier frequency.
3.3.1
Power Amplifier
The power amplifier (PA) has been designed to deliver about 10 dBm in the specified frequency bands. Its
pin OUT_PA is an open collector output. The larger the output voltage swing can be made the better the
power efficiency will be. The PA must be matched to deliver the best efficiency in terms of output power and
current consumption.
The collector must be biased to the positive supply. This is
done by means of an inductor parallel tuned with a capaci-
tor. Or it is made large enough in order not to affect the out-
put matching network. S-parameters of pin OUT_PA are not
useful because the output is very high resistive with a small
portion of parallel capacitance. Since the open-collector
output transistor can be considered as a current source, the
only parameters needed to design the output matching net-
work are the output capacitance, the supply voltage VCC, the
transistor’s saturation voltage and the power delivered to the
load PO.
In order to avoid saturation of the output stage, a saturation
voltage VCESAT of about 0.7 V should be considered. The
real part of the load impedance can then be calculated using
Fig. 7:
OUT_PA schematic
O
2
SAT
CC
L
P
2
)
VCE
(V
R
⋅
−
=
.
(9)
The output capacitance is typically 3 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com