Electronic Components Datasheet Search
  English  ▼

X  

FDN340P Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDN340P
Description  Single P-Channel, Logic Level, PowerTrench® MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDN340P Datasheet(HTML) 3 Page - ON Semiconductor

  FDN340P Datasheet HTML 1Page - ON Semiconductor FDN340P Datasheet HTML 2Page - ON Semiconductor FDN340P Datasheet HTML 3Page - ON Semiconductor FDN340P Datasheet HTML 4Page - ON Semiconductor FDN340P Datasheet HTML 5Page - ON Semiconductor FDN340P Datasheet HTML 6Page - ON Semiconductor FDN340P Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDN340P Rev E1
Electrical Characteristics
T
A =25°
C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250
µA,Referenced to 25°C
–12
mV/
°C
VDS = –16 V, VGS = 0 V
–1
µA
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V, VGS = 0 V,TJ=55
°C
–10
IGSSF
Gate–Body Leakage, Forward
VGS = 8 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –8 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.4
–0.8
–1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA,Referenced to 25°C
3
mV/
°C
VGS = –4.5 V,
ID = –2 A
60
70
m
Ω
VGS = –4.5 V, ID = –2 A,TJ=125
°C
77
120
RDS(on)
Static Drain–Source
On–Resistance
VGS= –2.5 V,
ID = –1.7A,
82
110
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–5
A
gFS
Forward Transconductance
VDS = –4.5 V,
ID = –2 A
9
S
Dynamic Characteristics
600
Input Capacitance
779
pF
175
Output Capacitance
121
pF
80
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
56
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
10
20
ns
tr
Turn–On Rise Time
9
10
ns
td(off)
Turn–Off Delay Time
27
43
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
Ω
11
20
ns
Qg
Total Gate Charge
7.2
10
nC
Qgs
Gate–Source Charge
1.7
nC
Qgd
Gate–Drain Charge
VDS = –10V,
ID = –3.5 A,
VGS = –4.5 V
1.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–0.42
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V, IS = –0.42 A (Note 2)
–0.7
–1.2
V
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJCis guaranteed by design while RθCAis determined by the user's board design.
a. 250°C/W when mounted on a
0.02in
2 pad of 2 oz copper
b. 270°C/W when mounted on a
.001 in
2 pad of 2 oz copper
Scale 1 : 1 on letter size paper
2.Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com