Electronic Components Datasheet Search
  English  ▼

X  

MBRS310C Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # MBRS310C
Description  3.0Amp Surface Mounted Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

MBRS310C Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  MBRS310C Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. MBRS310C Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
140
120
100
80
60
40
20
0
FIG. 3-TYPICAL FORWARD VOLTAGE CHARACTERISTICS
Number of cycles
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT
1
100
Lead Temperature
10
1Cycle
f=60Hz
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Ratings And Characteristic Curves
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
50
10.0
1
0.1
0.01
TJ=25 C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
150
175
200
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 2 of 2
0
20
40
60
80
100
FIG. 4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE,%
1000
100
10
1
0.1
0.01
TJ=125 C
TJ=25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com