Electronic Components Datasheet Search
  English  ▼

X  

AT222 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # AT222
Description  Low Profile E-STOP Switches Only 13.6mm Behind-Panel Shortest E-Stop Switch in its Class
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

AT222 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  AT222 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. AT222 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. AT222 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. AT222 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. AT222 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. AT222 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. AT222 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. AT222 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.nkkswitches.eu
FF01 Series Low Profile E-STOP Switches (25mm)
Plunger Position
Model
Connected Terminals
Poles
No Legend
Arrows Legend
SPST
ON
OFF
FF0116BACEEA01
FF0116BACAEA01
11-12
-
DPST
ON
OFF
FF0126BACEEA01
FF0126BACAEA01
11-12 21-22
-
The switch can be reset in two different ways (push to lock, pull or turn to reset).
9.4
t0.5
20.6
10
3.6
25 Dia
M16P1
Anti-rotation Tab side
Enlarged view of
terminal sections (2:1)
Anti-rotation Tab side
Arrows Legend
25 Dia
FF0116BACAEA01
FF0116BACEEA01
9.4
t0.5
20.6
10
3.6
25 Dia
M16P1
25 Dia
FF0126BACAEA01
FF0126BACEEA01
Anti-rotation Tab side
Enlarged view of
terminal sections (2:1)
Anti-rotation Tab side
Arrows Legend
Typical Switch Dimensions
Mounting Panel Cutout
Recommended Panel Thickness
0.8 to 4.5 mm
+0.2
1.7 0
+0.2
16.2
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com