Electronic Components Datasheet Search
  English  ▼

X  

L200 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L200
Description  ADJUSTABLE VOLTAGE AND CURRENT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L200 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L200 Datasheet HTML 4Page - STMicroelectronics L200 Datasheet HTML 5Page - STMicroelectronics L200 Datasheet HTML 6Page - STMicroelectronics L200 Datasheet HTML 7Page - STMicroelectronics L200 Datasheet HTML 8Page - STMicroelectronics L200 Datasheet HTML 9Page - STMicroelectronics L200 Datasheet HTML 10Page - STMicroelectronics L200 Datasheet HTML 11Page - STMicroelectronics L200 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Figure 26. High Input and Output Voltage.
Figure 28. 30 W Motor Speed Control.
Figure 27. Constant Current Battery Charger.
Figure 29. Loww Turn on.
Figure 30. Light Controller.
The resistors R1 and R2 determine the final charging volt-
age and RSC the initial charging current. D1 prevents dis-
charge of the battery throught the regulator.
The resistor RL limits the reverse currents through ther
regulator (which should be 100 mA max) when the bat-
tery is accidentally reverse connected. If RL is in series
with a bulb of 12 V/50 mA rating this will indicate incor-
rect connection.
9/12
L200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com