Electronic Components Datasheet Search
  English  ▼

X  

RMSB30M Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # RMSB30M
Description  Single Phase 3.0Amp Fast Recovery Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

RMSB30M Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  RMSB30M Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. RMSB30M Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
140
120
100
80
60
40
20
0
0.2 0.4
0.6
0.8
1.0
1.2
1.4
1.6
FIG. 3-TYPICAL FORWARD VOLTAGE CHARACTERISTICS
Number of cycles
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT
Instantaneou Foward Voltage
1
100
10
1
0.1
0.01
Percent Of Rated Peak Reverse Voltage(%)
FIG. 4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
Lead Temperature
10
1Cycle
f=60Hz
TJ=25
Pulse Width=300us
1% Duty Cycle
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
20
40
60
80
100
120
140
160
Volts
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120 140
T = 25 C
j
°
T = 125 C
j
°
Ratings And Characteristic Curves



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com