Electronic Components Datasheet Search
  English  ▼

X  

240A45 Datasheet(PDF) 4 Page - Opto 22

Part # 240A45
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

240A45 Datasheet(HTML) 4 Page - Opto 22

  240A45 Datasheet HTML 1Page - Opto 22 240A45 Datasheet HTML 2Page - Opto 22 240A45 Datasheet HTML 3Page - Opto 22 240A45 Datasheet HTML 4Page - Opto 22 240A45 Datasheet HTML 5Page - Opto 22 240A45 Datasheet HTML 6Page - Opto 22 240A45 Datasheet HTML 7Page - Opto 22 240A45 Datasheet HTML 8Page - Opto 22 240A45 Datasheet HTML 9Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
4
AC Power Series Specifications
Opto 22 provides a full range of Power Series relays with a wide variety of voltage (120–575) and current options (3–45 amps). All
Power Series relays feature 4,000 volts of optical isolation and have a high PRV rating. Operating temperature is –40 °C to 100 °C.
Connection Diagram
rent Control varies with control voltage. See “Control
ent Calculation” on page 17 for information.
Model
Number
Nominal
AC Line
Voltage
Nominal
Current
Rating
(Amps)
1 cycle
Surge
(Amps)
Peak
Nominal
Signal Input
Resistance
(Ohms)
Signal
Pick-up
Voltage
Signal
Drop-
out
Voltage
Peak
Repetitive
Voltage
Maximum
Maximum
Output
Voltage
Drop
Off-State
Leakage
(mA)
Maximum**
Operating
Voltage
Range
(Volts AC)
I2t
Rating
t=8.3
(ms)
Isolation
Voltage
θjc*
(°C/Watt)
Dissipation
(Watts/
Amp)
120D3
120
3
85
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
2.5mA
12–140
30
4,000VRMS
11
1.7
120D10
120
10
110
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
7 mA
12–140
50
4,000VRMS
1.3
1.6
120D25
120
25
250
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
7 mA
12–140
250
4,000VRMS
1.2
1.3
120D45
120
45
650
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
7 mA
12–140
1750
4,000VRMS
0.67
0.9
240D3
240
3
85
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
5 mA
24–280
30
4,000VRMS
11
1.7
240D10
240
10
110
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
14 mA
24–280
50
4,000VRMS
1.3
1.6
240Di10
240
10
110
730
3VDC
(32V allowed)
1 VDC
600
1.6 volts
14 mA
24–280
50
4,000VRMS
1.3
1.6
240D25
240
25
250
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
14 mA
24–280
250
4,000VRMS
1.2
1.3
240Di25
240
25
250
730
3VDC
(32V allowed)
1 VDC
600
1.6 volts
14 mA
12–280
250
4,000VRMS
1.2
1.3
240D45
240
45
650
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
14 mA
24–280
1750
4,000VRMS
0.67
0.9
240Di45
240
45
650
730
3VDC
(32V allowed)
1 VDC
600
1.6 volts
14 mA
24–280
1750
4,000VRMS
0.67
0.9
380D25
380
25
250
1000
3VDC
(32V allowed)
1 VDC
800
1.6 volts
12 mA
24–420
250
4,000VRMS
1.2
1.3
380D45
380
45
650
1000
3VDC
(32V allowed)
1 VDC
800
1.6 volts
12 mA
24–420
1750
4,000VRMS
0.67
0.9
120A10
120
10
110
33K
85VAC
(280V allowed)
10 VAC
600
1.6 volts
7 mA
12–140
50
4,000VRMS
1.3
1.6
120A25
120
25
250
33K
85VAC
(280V allowed)
10 VAC
600
1.6 volts
7 mA
12–140
250
4,000VRMS
1.2
1.3
240A10
240
10
110
33K
85VAC
(280V allowed)
10 VAC
600
1.6 volts
14 mA
24–280
50
4,000VRMS
1.3
1.6
240A25
240
25
250
33K
85VAC
(280V allowed)
10 VAC
600
1.6 volts
14 mA
24–280
250
4,000VRMS
1.2
1.3
240A45
240
45
650
33K
85VAC
(280V allowed)
10 VAC
600
1.6 volts
14 mA
24–280
1750
4,000VRMS
0.67
0.9
Note:
θjc* = Thermal resistance from internal junction to base. Maximum internal junction temperature is 110 °C.
** Operating Frequency: 25 to 65 Hz (operates at 400 Hz with 6 times the offstate leakage)
120/240/380 Volt
Connection Diagram, DC Power Series
*Control Current varies with control voltage. See “Control
Current Calculation” on page 17 for information.
NOTE: Model numbers ending in -17 are replacement parts only. Their specifications are identical
to the same model number without the -17. For example, 240D10-17 is identical to 240D10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com