Electronic Components Datasheet Search
  English  ▼

X  

MP240D4 Datasheet(PDF) 2 Page - Opto 22

Part # MP240D4
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

MP240D4 Datasheet(HTML) 2 Page - Opto 22

  MP240D4 Datasheet HTML 1Page - Opto 22 MP240D4 Datasheet HTML 2Page - Opto 22 MP240D4 Datasheet HTML 3Page - Opto 22 MP240D4 Datasheet HTML 4Page - Opto 22 MP240D4 Datasheet HTML 5Page - Opto 22 MP240D4 Datasheet HTML 6Page - Opto 22 MP240D4 Datasheet HTML 7Page - Opto 22 MP240D4 Datasheet HTML 8Page - Opto 22 MP240D4 Datasheet HTML 9Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
2
encapsulation. This double testing of every part before it
leaves the factory means you can rely on Opto 22 solid state
relays. All Opto 22 SSRs are guaranteed for life.
Accessories for the Power-Series SSRs include a safety cover,
heatsink, and a matching thermal conductive pad. See page 3.
Power Series SSRs
Opto 22 provides a full range of
Power Series relays with a wide
variety of voltage (120–575 volts)
and current options (3–45 amps).
All Power Series relays feature 4,000
volts of optical isolation and have a
high PRV rating. Some Power Series
relays include built-in LEDs to
indicate operation.
See page 4.
DC Series
The DC Series delivers isolated DC control to large OEM
customers worldwide. All DC control SSRs are LS TTL
compatible.
AC Series
The AC Series offers the ultimate in solid state reliability. All AC
Power Series relays feature a built-in snubber as well as zero-
voltage turn-on and zero-current turn-off. Transient-proof
models offer self protection for noisy electrical environments.
Z Series SSRs
The Z Series employs a unique heat
transfer system that makes it
possible for Opto 22 to deliver a
low-cost, 10-amp, solid state relay
in an all-plastic case. The push-on,
tool-free quick-connect terminals
make the Z Series ideal for high-
volume OEM applications.
Operating temperature: –40 °C to
100 °C. See page 7.
Printed Circuit Series SSRs
Opto 22’s Printed Circuit Series
allows OEMs to easily deploy solid
state relays on printed circuit
boards. Two unique packages are
available, both of which will switch
loads up to four amps. Operating
temperature: –40 °C to 100 °C. See
page 9.
MP Series
The MP Series packaging is designed with a minimum
footprint to allow maximum relay density on the printed
circuit board.
P Series
The P Series power relays provide low-profile [0.5 in.
(12.7 mm)] center mounting on printed circuit boards.
HS Series SSRs
The HS Series features an integrated
heatsink, which makes them so cool.
These relays have less thermal
resistance inside, so heat dissipates
more easily than in a standard SSR
mounted to the same heatsink. With
the heatsink built-in, you don't have
to select one from a catalog, and
installation is much easier. Includes a
DIN-rail adapter. See page 13.
Specifications
(all Power Series models)
•
4,000 V optical isolation, input to output
•
Zero voltage turn-on
•
Zero-current turn-off
•
Turn-on time: 0.5 cycle maximum
•
Turn-off time: 0.5 cycle maximum
•
Operating temperature: –40 °C to 100 °C
•
Operating frequency: 25 to 65 Hz
(operates at 400 Hz with six times off-state leakage)
•
Coupling capacitance, input to output: 8 pF maximum
•
Hermetically sealed
•
DV/DT Off-state: 200 volts per microsecond
•
DV/DT commutating: snubbed for rated current at
0.5 power factor
•
UL recognized
•
CSA certified
•
CE component
•
Torque specs for screws (this spec is both the
recommended torque and the maximum torque you
should use):
Control terminals, 10 in-lb (1.13 N-m)
Field terminals, 18 in-lb (2.03 N-m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com