Electronic Components Datasheet Search
  English  ▼

X  

DC60P Datasheet(PDF) 17 Page - Opto 22

Part # DC60P
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

DC60P Datasheet(HTML) 17 Page - Opto 22

Back Button DC60P Datasheet HTML 13Page - Opto 22 DC60P Datasheet HTML 14Page - Opto 22 DC60P Datasheet HTML 15Page - Opto 22 DC60P Datasheet HTML 16Page - Opto 22 DC60P Datasheet HTML 17Page - Opto 22 DC60P Datasheet HTML 18Page - Opto 22 DC60P Datasheet HTML 19Page - Opto 22 DC60P Datasheet HTML 20Page - Opto 22 DC60P Datasheet HTML 21Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
17
Transformer Loads
Careful consideration should be given to the selection of the
proper SSR for driving a given transformer. Transformers are
driven from positive saturation of the iron core to negative
saturation of the core each half cycle of the alternating
voltage. Large inrush currents can occur during the first half
cycle of line voltage if a zero-voltage SSR happens to turn on
during the positive half cycle of voltage when the core is
already in positive saturation. Inrush currents greater than 10
times rated transformer current can easily occur. The following
table provides a guide for selecting the proper SSR for a given
transformer rating.
Solenoid Valve and Contactor Loads
All Opto 22 SSRs are designed to drive inductive loads such as
solenoid valves and electromechanical contactors. The built-in
snubber in each SSR assures proper operation into inductive
loads. The following table is a guide in selecting an SSR to
drive a solenoid or contactor.
Control Current Calculation
All Opto 22 DC-controlled SSRs have a control circuit
consisting of 1000 ohms in series with an Optocoupler LED.
The LED will drop 1 volt, so the voltage across the internal
resistor will be 1 volt less than the control voltage.
The control current (I
C ) can be calculated from the control
voltage (V
C ) as follows:
I
C = (VC - 1)/1000
Examples:
3 VDC control voltage:
I
C = (3 - 1)/1000 = 0.002 A (2 mA)
32 VDC control voltage:
I
C = (32 - 1)/1000 = 0.031 A (31 mA)
For control voltages above 32 VDC, an external resistor can be
added in series with the SSR to limit the control current. Also, if
the device driving the control current to the SSR is limited, you
can limit the control current by using an external resistor (Re).
I
C = (VC - 1)/ (Re + 1000)
Re = [(VC - 1)/(IC)] -1000
To limit the control current to 2 mA, this simplifies to:
Re = 500 (VC - 3)
120-Volt Coils
SSR CURRENT
RATING
SOLENOID
CONTACTOR
2-Amp
1-Amp
NEMA Size 4
4-Amp
3-Amp
NEMA Size 7
240-Volt Coils
SSR CURRENT
RATING
SOLENOID
CONTACTOR
2-Amp
1-Amp
NEMA Size 7
4-Amp
3-Amp
NEMA Size 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com