Electronic Components Datasheet Search
  English  ▼

X  

7904ESB Datasheet(PDF) 1 Page - Greenlee Communications

Part # 7904ESB
Description  Quick Draw® Hydraulic Punch Driver and Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

7904ESB Datasheet(HTML) 1 Page - Greenlee Communications

  7904ESB Datasheet HTML 1Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
KnocKouts
TRUSTED
SINCE
1862
USA
CANADA
INT’L
FAX 800.451.2632
FAX 800.524.2853
FAX +1.815.397.9247
PHONE 800.435.0786
PHONE 866.384.8813
PHONE +1.815.397.7070
10 gA. MILd sTEEL
10 gA. sTAINLEss sTEEL
Quick Draw® Hydraulic Punch Driver and Kits
The Quick Draw®, Quick Draw 90®, and Quick Draw® Flex feature:
• Compact, lightweight design for portability and fast, easy
one-person operation.
• Develops 8 tons of hydraulic force for easy punching, even in
10-gauge stainless steel, depending on individual punch capacities.
• Quick Draw® is perfect for fast, straight-on front panel punching.
• Quick Draw 90®’s right angle driver head rotates over 180 degrees
for maximum flexibility in tight working areas.
• Quick Draw® Flex allows unlimited driver orientation to simplify
access to work area.
• Can be used with non-round punches within the capacity of the tool
(adapter may be required).
• U.S. Patent #6,772,521.
7806SB
Quick Draw® Kit
7906SB
Quick Draw 90® Kit
7706SB
Flex Driver Kit
WEIghT
cAT. No.
Upc No. dEscRIpTIoN
LBs. kg.
7704SB
10475
Quick Draw® Flex Driver, 2 Draw Studs, 1 Adapter, 1
Spacer and Case
12.1
5.5
7706SB
10476
Standard – Quick Draw® Flex Driver, 1/2” through
2” Slug-Buster® Conduit Size Punches and Dies, 2
Draw Studs, 1 Adapter, 1 Spacer and Case
17.3
7.9
7804SB
34292
Quick Draw® Driver, 2 Draw Studs, 1 Adapter, 1
Spacer and Case
10
4.5
7806SB
34293
Standard – Quick Draw® Driver, 1/2” through 2”
Slug-Buster® Conduit Size Punches and Dies 2
Draw Studs, 1 Adapter, 1 Spacer and Case
14
6.4
7804E
34291
Metric – Quick Draw® Driver, 2 Draw Studs, 1
Adapter, 1 Spacer and Case
9.4
4.3
7804ESB
35611
Metric – Quick Draw® Driver, Slug-Buster® Pg
Punches and Dies 15.2 mm through 30.5 mm, 2
Draw Studs, 1 Adapter, 1 Spacer and Case
10.3
4.7
7804ISO
35614
Metric – Quick Draw® Driver, Slug-Buster® ISO
Punches and Dies 16.2 mm through 40.5 mm, 2
Draw Studs, 1 Adapter, 1 Spacer and Case
11.4
5.2
7904SB
33794
Quick Draw 90® Driver, 2 Draw Studs, 1 Adapter, 1
Spacer and Case
10
4.5
7906SB
34300
Quick Draw 90® Driver, 1/2” through 2” Slug-
Buster® Conduit Size Punches and Dies, Draw
Studs, 1 Adapter, 1 Spacer and Case
14
6.4
7904E
34299
Metric – Quick Draw 90® Driver, 2 Draw Studs, 1
Adapter, 1 Spacer and Case
11
5.0
7904ESB
35615
Metric – Quick Draw 90® Driver, Slug-Buster® Pg
Punches and Dies 15.2 mm through 30.5 mm, 2
Draw Studs, 1 Adapter, 1 Spacer and Case
11
5.0
7904ISO
35616
Metric – Quick Draw 90® Driver, Slug-Buster® ISO
Punches and Dies 16.2 mm through 40.5 mm, 2
Draw Studs, 1 Adapter, 1 Spacer and Case
12.2
5.5
34983
34983
Plastic Case
sTEEL cApAcITIEs foR coNdUIT sIzEs
sTANdARd pUNchEs ANd sLUg-BUsTER®
sLUg-spLITTER sc™
REQUIREd
dRAW sTUd ANd
1/2"
3/4"
1-7/32"
oILTIghT
1"
1-1/4"
1-1/2"
2"
1/2"
3/4"
1-7/32"
oILTIghT
1-1/4"
AccEssoRIEs
3/8" Draw Stud
Spacer & 7/16" Draw Stud
Spacer & 3/4" Draw Stud
3/4" Draw Stud


Similar Part No. - 7904ESB

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7904 SONARDYNE-7904 Datasheet
95Kb / 2P
Acoustic Switch Transponder (AST)
logo
Sealevel Systems, Inc.
7904 SEALEVEL-7904 Datasheet
752Kb / 2P
3U Compact PCI 4-Port RS-232, RS-422, RS-485 Serial Interface
logo
Alpha Wire
79040 ALPHAWIRE-79040 Datasheet
408Kb / 4P
12 (65/30) AWG Tinned Copper
logo
Kontron
79040-3248-CAAP KONTRON-79040-3248-CAAP Datasheet
749Kb / 4P
COM HPC/Client module size A with 12th Generation
logo
Lapp.
79040400 LAPP-79040400 Datasheet
130Kb / 2P
EPIC® H-B 10 TBFH
17.09.2018
More results

Similar Description - 7904ESB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W11800 ETC2-W11800 Datasheet
224Kb / 7P
Hydraulic Rod and Bar Cutters
logo
Winchester Electronics ...
KTK-19 WINCHESTER-KTK-19 Datasheet
127Kb / 1P
STRIP AND CRIMP KITS
logo
HARTING Technology Grou...
73101000016 HARTING-73101000016 Datasheet
131Kb / 1P
Han® Kits
73101000017 HARTING-73101000017 Datasheet
107Kb / 1P
Han® Kits
73101000018 HARTING-73101000018 Datasheet
123Kb / 1P
Han® Kits
73101000019 HARTING-73101000019 Datasheet
109Kb / 1P
Han® Kits
73101000020 HARTING-73101000020 Datasheet
131Kb / 1P
Han® Kits
73101000021 HARTING-73101000021 Datasheet
109Kb / 1P
Han® Kits
73101000022 HARTING-73101000022 Datasheet
124Kb / 1P
Han® Kits
73101000023 HARTING-73101000023 Datasheet
108Kb / 1P
Han® Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com