Electronic Components Datasheet Search
  English  ▼

X  

PX3 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # PX3
Description  Heavy Duty Pressure Transducers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PX3 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  PX3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center PX3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center PX3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center PX3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center PX3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center PX3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center PX3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center PX3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Figure 2. PX3 Series External Freeze/Thaw Resistance
• Reduced current consumption: Helps to reduce energy
costs, and enhances product life if used in battery driven
systems.
• Media compatibility: Common HFC (hydrofluorocarbon)
refrigerants such as R410A and R134A, next generation low
global warming potential (GWP) refrigerants such as R448A
(Solstice® N40), R32 and R1234ZE, engine oil, petroleum-
based hydraulic fluids, DOT 3 brake fluid, and dry air. For
ammonia and other corrosive media, see Honeywell’s SPT Series.
DIFFERENTIATION
• Optional diagnostics mode: Beneficial in applications where
the sensor functionality and the need to know internal or
external failure modes is critical.
• Great customer value: Multiple configuration possibilities
provide flexibility of use in the application with no upfront
NRE or tooling charges.
• Durable: Provides the tough environmental specifications
needed, including insulation resistance and dielectric
strength, external freeze-thaw resistance (see Figure 2),
and EMC performance.
FEATURES
• Pressure range: 1 bar to 50 bar | 15 psi to 700 psi (absolute
and sealed gage)
• Ratiometric output: 0.5 Vdc to 4.5 Vdc or 0.33 Vdc to 2.97 Vdc
• Fully calibrated and temperature compensated
• Total Error Band: ±1.0 %FSS from -20°C to 85°C [-4°F to 185°F]
• External freeze/thaw resistance: 6 cycles from -30°C to
50°C [-22°F to 122°F]
• Insulation resistance: >100 MOhm, 1500 Vdc (in dry, non-
ionized air)
• Dielectric strength: AC1500V, 1 min. or AC1800V, 1 s (in dry, non-
ionized air)
• Current consumption: 3.5 mA max.
• EMC (radiated immunity): 200 V/m per ISO 11452-2
• Ingress protection IP67 (Metri-Pack 150), IP69K (cable harness)
• Response time: <2 ms
• RoHS, REACH, and CE compliant
• Six industry-standard pressure port types, including a
tube port which provides for hermetically-sealed process
connection
POTENTIAL APPLICATIONS
• Industrial: Refrigerant pressure monitoring in HVAC/R
systems; air compressor system pressure
• Transportation: Air system monitoring; hydraulic oil pressure
monitoring
The PX3 Series is not recommended for use with media
involving water, saturated air such as steam and vapor, and
ammonia.
PORTFOLIO
Honeywell’s PX3 Series joins the PX2 Series, MLH Series, and
SPT Series heavy duty pressure transducers.
Sensing and Internet of Things
DESCRIPTION
Honeywell’s PX3 Series Heavy Duty Pressure Transducers
use piezoresistive sensing technology with ASIC (Application
Specific Integrated Circuit) signal conditioning in a brass
housing and Metri-Pack 150 or cable harness electrical
connections. The PX3 Series are fully calibrated and
temperature compensated from -40°C to 125°C [-40°F to
257°F].
VALUE TO CUSTOMERS
• Total Error Band (TEB) ±1.0 %FSS from -20°C to
85°C: Provides the most comprehensive, clear and
meaningful indication of the sensor’s true measurement
performance over a specified temperature range; small
error promotes system uptime and efficiency. (See Figure 1.)
Figure 1. TEB Definition and Temperature Performance
• High insulation resistance and dielectric strength: Protect
the user and sensor in high over-voltage situations,
and ensures that the device is compliant with industry
standards.
• High EMC performance: Operates reliably in the presence
of electro-magnetic fields, such as near wireless signals, RF
communication, and electrical devices.
• High external freeze/thaw resistance: Survives exposure to
frost, commonly found in refrigeration systems. (See Figure 2.)
Total
Error
Band
Accuracy
BFSL
All Possible Errors
Thermal Hysteresis
Thermal Effect on Offset
Thermal Effect on Span
Pressure Non-Linearity
Pressure Hysteresis
Full Scale Span
Offset
Pressure Non-Repeatability
-20°C
[-4°F]
-40°C
[-40°F]
0
85°C
[185°F]
0°C
[32°F]
125°C
[257°F]
1
2
3
-1
-2
-3
Temperature (°C [°F])
Total Error Band
(Shown with mating connector. See Figure 5.)
Datasheet
Heavy Duty Pressure Transducers
PX3 Series, 1 bar to 50 bar | 15 psi to 700 psi
32313757
Issue D


Similar Part No. - PX3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
PX3 HONEYWELL-ACC-PX3 Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
10/16
PX3 HONEYWELL-ACC-PX3 Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
2/17
logo
FLEXTRAL
PX300 FLEXTRAL-PX300 Datasheet
1,015Kb / 1P
PX300 PREMIUM COMPACT WIRE BRAID PRO-SHIELD®
V04.21
PX300-04PS FLEXTRAL-PX300-04PS Datasheet
1,015Kb / 1P
PX300 PREMIUM COMPACT WIRE BRAID PRO-SHIELD®
V04.21
PX300-06PS FLEXTRAL-PX300-06PS Datasheet
1,015Kb / 1P
PX300 PREMIUM COMPACT WIRE BRAID PRO-SHIELD®
V04.21
More results

Similar Description - PX3

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
Heavy Duty Pressure Meter
407910 EXTECH-407910 Datasheet
267Kb / 7P
Heavy Duty Differential Pressure Manometer
HD750 EXTECH-HD750 Datasheet
103Kb / 7P
Heavy Duty Differential Pressure Manometer
HD755 EXTECH-HD755 Datasheet
107Kb / 8P
Heavy Duty Differential Pressure Manometer
logo
Honeywell Accelerometer...
MLH250BSD17D HONEYWELL-ACC-MLH250BSD17D Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/ Transducers Line Guide
MLH025BSD14E HONEYWELL-ACC-MLH025BSD14E Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/Transducers Line Guide
logo
Extech Instruments Corp...
407910 EXTECH-407910_15 Datasheet
161Kb / 1P
Heavy Duty Differential Pressure Manometer
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com