Electronic Components Datasheet Search
  English  ▼

X  

FDMS8018 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMS8018
Description  N-Channel PowerTrench® MOSFET 30 V, 175 A, 1.8 mΩ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS8018 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMS8018 Datasheet HTML 1Page - ON Semiconductor FDMS8018 Datasheet HTML 2Page - ON Semiconductor FDMS8018 Datasheet HTML 3Page - ON Semiconductor FDMS8018 Datasheet HTML 4Page - ON Semiconductor FDMS8018 Datasheet HTML 5Page - ON Semiconductor FDMS8018 Datasheet HTML 6Page - ON Semiconductor FDMS8018 Datasheet HTML 7Page - ON Semiconductor FDMS8018 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.fairchildsemi.com
2
FDMS8018 Rev.1.2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
30
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
14
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current, Forward VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
1.0
1.5
3.0
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
-6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 30 A
1.5
1.8
m
Ω
VGS = 4.5 V, ID = 26 A
1.9
2.4
VGS = 10 V, ID = 30 A, TJ = 125 °C
2.2
2.7
gFS
Forward Transconductance
VDS = 5 V, ID = 30 A
194
S
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V,
f = 1 MHz
3935
5235
pF
Coss
Output Capacitance
1380
1835
pF
Crss
Reverse Transfer Capacitance
137
210
pF
Rg
Gate Resistance
0.9
Ω
td(on)
Turn-On Delay Time
VDD = 15 V, ID = 30 A,
VGS = 10 V, RGEN = 6 Ω
15
27
ns
tr
Rise Time
7.3
15
ns
td(off)
Turn-Off Delay Time
38
62
ns
tf
Fall Time
4.8
10
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 15 V,
ID = 30 A
58
61
nC
Qg
Total Gate Charge
VGS = 0 V to 4.5 V
28
39
nC
Qgs
Gate to Source Charge
10.3
nC
Qgd
Gate to Drain “Miller” Charge
7.7
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 2.1 A
(Note 2)
0.67
1.1
V
VGS = 0 V, IS = 30 A
(Note 2)
0.77
1.2
trr
Reverse Recovery Time
IF = 30 A, di/dt = 100 A/μs
43
69
ns
Qrr
Reverse Recovery Charge
25
40
nC
trr
Reverse Recovery Time
IF = 30 A, di/dt = 300 A/μs
34
55
ns
Qrr
Reverse Recovery Charge
46
72
nC
Notes:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. Starting TJ = 25 °C; N-ch: L = 0.3 mH, IAS = 29 A, VDD = 27 V, VGS = 10 V.
4. As an N-ch device, the negative Vgs rating is for low duty cycle pulse occurrence only. No continuous rating is implied.
5. Pulsed Id please refer to Fig 11 SOA graph for more details.
6. Computed continuous current limited to Max Junction Temperature only, actual continuous current will be limited by thermal & electro-mechanical application board design.
50 °C/W when mounted on a
1 in2 pad of 2 oz copper
125 °C/W when mounted on a
minimum pad of 2 oz copper.
a)
b)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com