Electronic Components Datasheet Search
  English  ▼

X  

SP10100L Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # SP10100L
Description  10.0Amp Surface Mounted Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

SP10100L Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  SP10100L Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. SP10100L Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
FIG. 4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
SP1040L~SP10100L
10.0Amp Surface Mounted Schottky Barrier Rectifiers
Ratings And Characteristic Curves
PERCENT OF PEAK REVERSE VOLTAGE,%
100
10
1
0.1
0.01
0.001
TJ=100 C
TJ=25 C
1040-1060
1080-10100
350
300
250
200
150
100
50
0
Number of cycles
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT
1
100
Lead Temperature
10
1Cycle
f=60Hz
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0.0
0
20
40
60
80
100
120
140
160
FIG. 3-TYPICAL FORWARD VOLTAGE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
500
100
10
1
0.1
1040-1050
1060
1080-10100
TJ=25 C
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page2of2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com