Electronic Components Datasheet Search
  English  ▼

X  

SF37G Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # SF37G
Description  3.0Amp Super Fast Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

SF37G Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  SF37G Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. SF37G Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
260 C/10 seconds at terminals
Single phase half-wave 60Hz,resistive or inductive load,
Ratings at 25 C ambient temperature unless otherwise specified.
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.0345 ounce, 0.98 grams
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
Mechanical Data
Maximum Ratings And Electrical Characteristics
SF31G~SF38G
3.0Amp Super Fast Silicon Rectifiers
-55 to +150
200
Maximum repetitive peak reverse voltage
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
125.0
Operating junction and storage temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance (Note2)
Note:
IR
5.0
RqJA
CJ
TJ,TSTG
45.0
70.0
pF
C
A
u
Typical thermal resistance
C/W
SF34G
SF36
SF35G
G
200
140
200
400
280
400
500
350
500
1.25
1.Reverse recovery time test condition: IF=0.5A IR=1.0A Irr=0.25A
SF37G
SF33G
100
70
100
SF32G
50
35
50
SF31G
Parameter
Maxinum reverse recovery time(Note 1)
Trr
35
ns
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
0.95
1.7
300
210
300
150
105
150
600
420
600
SF38G
DO-27
Dimensions in inches and (millimeters)
0.220 (5.6)
0.197(5.0)
DIA.
0.052 (1.3)
0.035(0.9)
DIA.
0.375(9.5)
0.285(7.2)
0.945 (24.0)
MIN.
0.945 (24.0)
MIN.
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page 1 of 2


Similar Part No. - SF37G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF37G TSC-SF37G Datasheet
72Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
SF37G TSC-SF37G Datasheet
258Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF37G BILIN-SF37G Datasheet
159Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF37G MIC-SF37G Datasheet
52Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF37G CHONGQING-SF37G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF37G

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N5400 TAK_CHEONG-1N5400 Datasheet
103Kb / 2P
3.0AMP. Standard Silicon Rectifiers
FR301 TAK_CHEONG-FR301 Datasheet
103Kb / 2P
3.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR301 SECOS-FR301 Datasheet
95Kb / 2P
3.0AMP Fast Recovery Rectifiers
SF31 SECOS-SF31 Datasheet
419Kb / 2P
3.0AMP Super Fast Rectifiers
SUF301B SECOS-SUF301B Datasheet
219Kb / 2P
3.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF301C SECOS-SUF301C Datasheet
233Kb / 2P
3.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Cystech Electonics Corp...
1N540XLA CYSTEKEC-1N540XLA Datasheet
141Kb / 3P
3.0Amp Silicon Rectifiers
SF31G CYSTEKEC-SF31G Datasheet
263Kb / 3P
3.0Amp. Glass Passivated Super Fast Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SF52G YFWDIODE-SF52G Datasheet
567Kb / 3P
Super Fast Silicon Rectifiers
logo
Shenzhen Luguang Electr...
ES3MB LUGUANG-ES3MB Datasheet
1Mb / 2P
3.0AMP Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com