Electronic Components Datasheet Search
  English  ▼

X  

2SC5344 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC5344
Description  Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC5344 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SC5344 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC5344 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC5344 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Transistor
2SC5344
Document number: BL/SSSTC023
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Excellent hFE linearity
Lead-free
Power dissipation.
APPLICATIONS
General small signal amplifier.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
2SC5344
FAO/FAY
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
800
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55~150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - 2SC5344

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5344 AUK-2SC5344 Datasheet
215Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
logo
Rectron Semiconductor
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
Weitron Technology
2SC5344 WEITRON-2SC5344 Datasheet
744Kb / 4P
NPN General Purpose Transistors
logo
KODENSHI_AUK CORP.
2SC5344 KODENSHI-2SC5344 Datasheet
224Kb / 4P
Audio power amplifier application
logo
SeCoS Halbleitertechnol...
2SC5344 SECOS-2SC5344 Datasheet
298Kb / 2P
0.8A , 35V NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC5344

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com