Electronic Components Datasheet Search
  English  ▼

X  

RL151 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # RL151
Description  PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RL151 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  RL151 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RL151 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4
1.2
0.6
0.8
0.02
0.01
1.0
0.06
0.04
0.1
0.2
1.4
1.6
TJ=25
Pulse W idth=300us
1.0
2
4
100
10
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
f=1MHz
TJ=25
0
1
10
20
40
30
50
70
60
80
20
T J =12 5 ℃
8.3m s S ingle H alf
S ine-W av e
24
10
8100
40
60 80
0
0.3
0.6
0.9
1.2
0
25
50
75
100
125
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
150
1.5
175
Document Number 0260005
BLGALAXY ELECTRICAL
www.galaxycn.com
RL151---RL157
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
RATINGSANDCHARACTERISTICCURVES
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 --TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
2.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com