Electronic Components Datasheet Search
  English  ▼

X  

C1111/7 Datasheet(PDF) 15 Page - APM Hexseal Corporation All Rights Reserved

Part # C1111/7
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

C1111/7 Datasheet(HTML) 15 Page - APM Hexseal Corporation All Rights Reserved

Back Button C1111/7 Datasheet HTML 11Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 12Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 16Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 17Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 18Page - APM Hexseal Corporation All Rights Reserved C1111/7 Datasheet HTML 19Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
www.apmhexseal.com
800.498.9034
Rotary Shaft Seals for Switches & Potentiometers
HEXSEAL® and E-SEEL® rotary shaft seals are molded from a high tear-strength silicone rubber (other materials
available for specific environments) bonded to a built-in mounting nut. Each seal surrounds the rotary shaft and forms a
watertight and dust-tight seal against the shaft and front panel surface.
HOW TO ORDER
Specify APM boot part number and, if necessary, the appropriate bushing
adaptor part number (please see page 19).
FIGURE 23
FIGURE 21
FIGURE 22
A
BC
Military
Thread Size**
Shaft Size
Height
Flat
Part
APM Boot
Color*
inch
mm
inch
mm
inch
mm
Number
Part Number
1⁄4-28NF2B
.125
3.18
.219
5.56
.375
9.53
—
N9042 x 1⁄ 8
Gray
•
1⁄4-32NEF-2B
.125
3.18
.219
5.56
.375
9.53
M5423/09-03
N9040 x 1⁄ 8
Gray
•
3⁄8-32NEF-2B
.125
3.18
.219
5.56
.500
12.70
M5423/09-01
N9030 x 1⁄ 8
Gray
•
3⁄8-32NEF-2B
.188
4.78
.219
5.56
.500
12.70
—
N9030 x 3⁄ 16
Gray
•
3⁄8-32NEF-2B
.250
6.35
.219
5.56
.500
12.70
M5423/09-02
N9030 x 1⁄ 4
Gray
•
3⁄8-32NEF-2B
.250
6.35
.359
9.12
.500
12.70
—
N9033 x 1⁄ 4
Gray
•
15⁄32-32NS-2B
.250
6.35
.219
5.56
.625
15.88
M5423/09-04
N9060 x 1⁄ 4
Gray
•
1⁄2-32NS-2B
.250
6.35
.219
5.56
.625
15.88
M5423/09-06
N9063 x 1⁄ 4
Gray
•
5⁄8-24NEF-2B
.375
9.53
.219
5.56
.750
19.05
M5423/09-05
N9065 x 3⁄ 8
Gray
•
5⁄8-24NEF-2B
.500
12.70
.219
5.56
.750
19.05
—
N9065 x 1⁄ 2
Gray
•
3⁄8-32NEF-2B
.250
6.35
.219
5.56
.500
12.70
—
C1332/40
Black
•
Rotary Shaft Seals – IP66/68 Rated
Figure 21
AB
C
Military
Thread Size**
Shaft Size
Height
Flat
Part
APM Boot
Color*
inch
mm
inch
mm
inch
mm
Number
Part Number
1⁄4-32NF2B
.125
3.18
.219
5.56
.375
9.53
M5423/09-09
N9040 x 1⁄ 8 RFI
Gray
•
3⁄8-32NEF-2B
.125
3.18
.219
5.56
.500
12.70
M5423/09-07
N9030 x 1⁄ 8 RFI
Gray
•
3⁄8-32NEF-2B
.250
6.35
.219
5.56
.500
12.70
M5423/09-08
N9030 x 1⁄ 4 RFI
Gray
•
3⁄8-32NEF-2B
.250
6.35
.359
9.12
.500
12.70
M5423/09-14
N9033 x 1⁄ 4 RFI
Gray
•
15⁄32-32NS-2B
.250
6.35
.219
5.56
.625
15.88
M5423/09-10
N9060 x 1⁄ 4 RFI
Gray
•
5⁄8-24NEF-2B
.375
9.53
.219
5.56
.750
19.05
M5423/09-11†
N9065 x 3⁄ 8 RFI
Gray
•
1⁄2-32NS-2B
.250
6.35
.219
5.56
.625
15.88
M5423/09-12
N9063 x 1⁄ 4 RFI
Gray
•
1⁄4-28NF-2B
.125
3.18
.219
5.56
.375
9.53
—
N9042 x 1⁄ 8 RFI
Gray
•
3⁄8-32NEF-2B
.125
3.18
.531
13.49
.625
15.88
—
NLK9030 x 1⁄ 8 RFI
Gray
•
3⁄8-32NEF-2B
.250
6.35
.531
13.49
.625
15.88
—
NLK9030 x 1⁄ 4 RFI
Gray
•
RFI/EMI Shielded Rotary Shaft Seals – IP66/68 Rated
Figure 22
*Other colors available. Please consult factory.
*Other colors available. Please consult factory. †Inactive for new designs. **Metric thread sizes available; consult factory.
All Standard RFI/EMI boots feature knitted Monel wire shields.
*Other colors available. Please consult factory. **Metric thread sizes available; consult factory.
AB
C
Lock Nut
Military
Thread Size
Shaft Size
Height
Flat
O.D.
Part
APM Boot
inch
mm
inch
mm
inch
mm
inch
mm
Number
Part Number
Color*
1⁄4-32NS-2B
.125
3.18
.500
12.70
.500
12.70
.344
8.74
—
NLK9040 x 1⁄ 8
Gray
•
3⁄8-32NS-2B
.125
3.18
.531
13.49
.625
15.88
.469
11.91
—
NLK9030 x 1⁄ 8
Gray
•
3⁄8-32NS-2B
.250
6.35
.531
13.49
.625
15.88
.469
11.91
—
NLK9030 x 1⁄ 4
Gray
•
Locking Rotary Shaft Seals – IP66/68 Rated
Figure 23
DIMENSIONS FOR REFERENCE ONLY.
Current dimensional drawings can be viewed on our website and CAD drawings can also be downloaded.
RoHS
Compliant
*APM’s policy is to manufacture our HEXSEAL® sealing boots as defined by the requirements of MIL-Spec MIL-
DTL-5423 which we regard as the standard for the switch, circuit breaker and potentiometer industry. These
requirements were formulated based on our original patent.
For metric sizes, see page 20.
SPECIFICATIONS
Material ........................HEXSEALS: Silicone rubber conforms to A-A-59588,
Class 3B, Gr. 60 unless otherwise specified.
E-SEELS: Silicone rubber polymer type ASTM D1418
Mounting Nut ..............HEXSEALS: Brass, nickel-plated
E-SEELS: Brass, black-oxide
Temperature Range....HEXSEALS: -94°F to +400°F (-70°C to +204°C)
E-SEELS: -80°F to +400°F (-62°C to +204°C)
Enclosure Protection..NEMA/UL/ULC Types 1, 2, 3, 3S, 3R, 4, 4X, 6P, 12, 13;
IEC IP66/IP68
Pressure Range ..........Exceeds 15 psi internal and 1500 psi external
Operational Life ..........100,000 actuations (minimum)
Shelf Life .....................Excess of 25 years
Resistant to.................Salt spray, sunlight, ozone, weather, fungus, and most
acids and lubricating oils
Military Specs*............Most HEXSEALS meet MIL-DTL-5423. (See listing on page 6)
Agency Recognition...UL & ULC Recognized Component to UL Std. 50
Installation...................Please see installation instructions on page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com