Electronic Components Datasheet Search
  English  ▼

X  

AN0010 Datasheet(PDF) 1 Page - RF Micro Devices

Part # AN0010
Description  Evaluation Board Assembly Biasing Configuration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

AN0010 Datasheet(HTML) 1 Page - RF Micro Devices

  AN0010 Datasheet HTML 1Page - RF Micro Devices AN0010 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13-9
13
Copyright 1997-2002 RF Micro Devices, Inc.
Introduction
This application note provides information on the evaluation board assembly supplied by RFMD. This information covers
NBB Series HBT Broadband Feedback Amplifiers and NDA Series HBT Distributed Amplifiers.
The evaluation board assembly provided by RFMD is intended for customers to evaluate our product using a network
analyzer.
NBB Series HBT Broadband Feedback Amplifiers
1. What is provided with the evaluation board assembly?
a. An NBB part mounted on a PCB with connectors.
b. S-parameter data (provided with all evaluation boards).
Note: The s-parameter data gain results include device performance as well as evaluation board and connector
loss variations. The insertion losses of the evaluation board and connectors are as follows.
1. 1GHz to 4GHz=-0.06dB
2. 5GHz to 9GHz=-0.22dB
3. 10GHz to 14GHz=-0.50dB
4. 15GHz to 20GHz=-1.08dB
2. Bill of Materials for NBB Series evaluation board assembly:
a. NBB series component.
b. Two (2) SMA connectors.
c. One (1) PC board material, Rogers Corp. part number: TMM-6, 20mil thick or equivalent.
d. 60/40 tin-lead solder.
3. Figure of Evaluation Board with external biasing
Note: Biasing components are not supplied with evaluation board assembly.
RFMD
DUT
INPUT
OUTPUT
SMA
Connector (2)
PC Board (1)
V
C
Figure 1. NBB-Series Evaluation Board
RFMD
DUT
INPUT
OUTPUT
V
C
C Block
L Choke
R
CC
120
Ω
V
CC
Output
C Block
Input
Figure 2. NBB-Series Evaluation Board with External Biasing
Evaluation Board Assembly Biasing Configuration
AN0010
AN0010
Evaluation Board Assembly Biasing Configuration
13


Similar Part No. - AN0010

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN001 AIC-AN001 Datasheet
77Kb / 4P
Using AIC1628
logo
Rosenberger Hochfrequen...
AN001 ROSENBERGER-AN001 Datasheet
575Kb / 3P
Calibration Adaptor
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
AN0014 RFMD-AN0014 Datasheet
45Kb / 4P
Bias Scheme for NBB-Series Amplifiers
AN0015 RFMD-AN0015 Datasheet
47Kb / 6P
Design of ?쏱I??and ?쏷??Network Attenuators for Inter-Stage Buffering
More results

Similar Description - AN0010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com