Electronic Components Datasheet Search
  English  ▼

X  

P2PPSM166G Datasheet(PDF) 12 Page - nVent Electric plc

Part # P2PPSM166G
Description  Full Subpanel (Rear or Si de)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2PPSM166G Datasheet(HTML) 12 Page - nVent Electric plc

Back Button P2PPSM166G Datasheet HTML 4Page - nVent Electric plc P2PPSM166G Datasheet HTML 5Page - nVent Electric plc P2PPSM166G Datasheet HTML 6Page - nVent Electric plc P2PPSM166G Datasheet HTML 7Page - nVent Electric plc P2PPSM166G Datasheet HTML 8Page - nVent Electric plc P2PPSM166G Datasheet HTML 9Page - nVent Electric plc P2PPSM166G Datasheet HTML 10Page - nVent Electric plc P2PPSM166G Datasheet HTML 11Page - nVent Electric plc P2PPSM166G Datasheet HTML 12Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
PROLINE G2 INtERNaL COmPONENts Panels and accessories
PH 763.422.2211
nVent.com/HOFFMAN
mOduLaR ENCLOsuRE sOLutIONs
12
Spec-01198 D
PaNEL suPPORt bRaCkEt
aPPLICatION
The panel support bracket can be used in the vertical center
sides of the PROLINE G2 Mounting Subpanel to provide additional
subpanel support.
sPECIFICatIONs
•
Set of 2 brackets
•
Attaches to frame using BV-M6 fastener
•
Attaches to subpanel using a hex bolt
•
Mounting hardware included
•
Galvanized steel
Bulletin: p40
Catalog Number
Description
Qty.
P2APSB
Panel Support Bracket
2
PaNEL suPPORt bRaCE
Panel Support Braces give
additional support to single- and
double-bay panels in heavy loading
applications and minimize the
vibration created by components
mounted on the panel. Braces can
be installed on existing systems
without removing the panel. Panel
support braces are furnished
in pairs. Braces are unpainted
galvanized steel.
Bulletin: p20
Catalog Number
L (mm)
L (in.)
Fits Panel Width (mm)
PSB10
911
35.87
1000
PSB12
1111
43.74
1200
PSB16
1511
59.49
1600
PSB18
1711
67.36
1800
PROLINE GROuNdING kIt
The Grounding Kit allows a PROLINE
or PROLINE G2 enclosure to be
grounded to VDE specifications.
Includes six 12-gauge wires 411 mm
(16.19) long with ring terminations
and M6 mounting hardware.
Bulletin: p20
Catalog Number
Wire
Size
Length Between
Ring Terminals
mm/in.
Ring Terminal
Hole Diameter
mm/in.
PGK
12 ga.
411
16.19
7
.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com