Electronic Components Datasheet Search
  English  ▼

X  

8772 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8772
Description  Audio/Con trol/In strumen tation , (3) 20 AW G (7x28) TC, PE/PVC, Foil Sh ld, CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8772 Datasheet(HTML) 1 Page - Belden Inc.

  8772 Datasheet HTML 1Page - Belden Inc. 8772 Datasheet HTML 2Page - Belden Inc. 8772 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 8772
Audio/Control/Instrumentation, (3) 20 AW G (7x28) TC,
PE/PVC, Foil Shld, CM
Product Description
Three 20 AW G stranded (7x28) tinned copper conductors, conductors cabled, polyethylene insulation, overall Beldfoil®
shield (100% coverage), PVC jacket.
Product Specifications
Technical Specifications
Construction and Dimensions
Conductor:
AW G
Stranding
M aterial
No. of Conductors
20
7x28
TC - Tinned Copper
3
Total Number of Conductors:
3
Insulation:
M aterial
Nominal W all Thickness
PE - Polyethylene
0.017 in
Color Chart 1:
Number
Color
1
Black
2
Red
3
Clear
Cabling 1:
Lay Length
Lay Direction
Twists
2 in
Left Hand
6 twist/ft
Outershield 1:
Part # PF_8772 | Page 1 of 3 | June 22, 2016


Similar Part No. - 8772

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8772 BELDEN-8772 Datasheet
244Kb / 2P
Electronic, 3 C #20 Str TC, PE Ins, OS, PVC Jkt, CM
8772ELV BELDEN-8772ELV Datasheet
150Kb / 3P
Electronic, 3C #20 Str TC, PO ins, OS, LSNH Jkt 300V, B2ca
03-06-2023
8772ELW BELDEN-8772ELW Datasheet
150Kb / 3P
Electronic, 3C #20 Str TC, PO ins, OS, LSNH Jkt 300V, Cca
03-06-2023
8772MN BELDEN-8772MN Datasheet
175Kb / 2P
SpaceMaker™, 3 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8772MN-004100 BELDEN-8772MN-004100 Datasheet
175Kb / 2P
SpaceMaker™, 3 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
More results

Similar Description - 8772

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346586 ETC2-1346586 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, PVC insulation
logo
Belden Inc.
139463 BELDEN-139463 Datasheet
263Kb / 3P
Blue Hose짰, (1 pr) 20 AWG (7x28) TC, PE/PVC, FoilTC Braid Shld, Steel Armor, CM
189463 BELDEN-189463 Datasheet
263Kb / 3P
Blue Hose짰, (1 pr) 20 AWG (7x28) TC, PE/PVC, FoilTC Braid Shld, Alum Armor, CM
8772 BELDEN-8772 Datasheet
244Kb / 2P
Electronic, 3 C #20 Str TC, PE Ins, OS, PVC Jkt, CM
9876 BELDEN-9876 Datasheet
169Kb / 2P
Audio, Control & Instrument, #20-11pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9877 BELDEN-9877 Datasheet
191Kb / 2P
Audio, Control & Instrument, #20-12pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9879 BELDEN-9879 Datasheet
169Kb / 2P
Audio, Control & Instrument, #20-15pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9873 BELDEN-9873 Datasheet
159Kb / 2P
Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9875 BELDEN-9875 Datasheet
211Kb / 2P
Audio, Control & Instrument, #20-9pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9874 BELDEN-9874 Datasheet
205Kb / 2P
Audio, Control & Instrument, #20-6pr, PO, Indiv. Foil, PVC Jkt, CM
04-27-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com