Electronic Components Datasheet Search
  English  ▼

X  

3070 Datasheet(PDF) 1 Page - APM Hexseal Corporation All Rights Reserved

Part # 3070
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

3070 Datasheet(HTML) 1 Page - APM Hexseal Corporation All Rights Reserved

  3070 Datasheet HTML 1Page - APM Hexseal Corporation All Rights Reserved 3070 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved 3070 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved 3070 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved 3070 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved 3070 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved 3070 Datasheet HTML 7Page - APM Hexseal Corporation All Rights Reserved 3070 Datasheet HTML 8Page - APM Hexseal Corporation All Rights Reserved 3070 Datasheet HTML 9Page - APM Hexseal Corporation All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
HermeticEnvironmentalSealingBoots
forSwitches&Potentiometers
stileE
nvironmentsAreO
CATALOG HEX400A
SWITCH SEALING SPECIALISTS
C
US
UL Recognized Component
®
HEXSEAL® & E-SEEL®


Similar Part No. - 3070

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
3070 ALPHAWIRE-3070 Datasheet
70Kb / 3P
Customer Specification
logo
KR Electronics, Inc.
3070 KR-3070 Datasheet
60Kb / 3P
200 MHz minimum 3 dB BW
logo
Alpha Wire
3070 ALPHAWIRE-3070 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
logo
Keystone Electronics Co...
3070 KEYSTONE-3070 Datasheet
516Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
logo
Videk Ltd
3070 VIDEK-3070 Datasheet
157Kb / 1P
DB9 Male to Female Serial Extension Cables and Adapters
More results

Similar Description - 3070

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370AS016XB08 GLENAIR-370AS016XB08 Datasheet
334Kb / 2P
Composite Cable-Sealing Environmental Backshell
370AS017XB08 GLENAIR-370AS017XB08 Datasheet
309Kb / 2P
Composite Cable-Sealing Environmental Backshell
770-001S103 GLENAIR-770-001S103 Datasheet
187Kb / 1P
Environmental Shrink Boots
logo
List of Unclassifed Man...
NC3030716-284 ETC2-NC3030716-284 Datasheet
316Kb / 3P
Sealing Boots for Pushbutton-Actuated Switches
logo
Glenair, Inc.
220-00 GLENAIR-220-00 Datasheet
119Kb / 2P
High-Pressure Environmental/Hermetic
220-01 GLENAIR-220-01 Datasheet
110Kb / 2P
High-Pressure Environmental/Hermetic
220-02 GLENAIR-220-02 Datasheet
136Kb / 2P
High-Pressure Environmental/Hermetic
220-04 GLENAIR-220-04 Datasheet
111Kb / 2P
High-Pressure Environmental/Hermetic Jam Nut Receptacle
220-07 GLENAIR-220-07 Datasheet
120Kb / 2P
High-Pressure Environmental/Hermetic Jam Nut
227-039 GLENAIR-227-039 Datasheet
301Kb / 2P
High-Pressure Environmental/Hermetic Jam Nut Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com