Electronic Components Datasheet Search
  English  ▼

X  

SERIESV4 Datasheet(PDF) 1 Page - Dwyer Instruments,

Part # SERIESV4
Description  FLOTECT® VANE OPERATED FLOW SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,

SERIESV4 Datasheet(HTML) 1 Page - Dwyer Instruments,

  SERIESV4 Datasheet HTML 1Page - Dwyer Instruments, SERIESV4 Datasheet HTML 2Page - Dwyer Instruments,  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DWYER INSTRUMENTS, LLC | dwyer-inst.com
270
FLOTECT® VANE OPERATED FLOW SWITCH
Field Adjustable – Dependable Protection Against Flow Variation or Stopping in Pipelines for Fluids, Gases and Flowing Solids
The
Series V4 Flotect® Vane Operated Flow Switch is rugged and reliable, ideal
for automatically protecting equipment and pipeline systems against damage from
reduction or loss of flow. Time tested in thousands of pipeline installations and
processing plants around the world this Series is Weatherproof, designed to meet
NEMA 4 and Explosion-proof (listing included in specifications). This series can be
used in pipes 1-1/2˝ (38.10 mm) and up.
BENEFITS/FEATURES
• Superior performance with unique magnetically-actuated switching design
• Increased product life due to free-swinging vane, which attracts a magnet within the
solid metal switch body and actuates a snap switch by means of a simple lever arm
with no bellows, springs, or seals to fail
• Meets application requirements with durable leak-proof body machined from bar
stock
• Save time and money on maintenance with electrical assembly that can be easily
replaced without removing the unit from installation so that the process does not
have to be shut down
• Quick installation with fitting that installs directly and easily into pipeline with a
threadolet, tee, or flange (see application drawings)
• Meets the most demanding applications with high pressure rating of 1000 psig
(69 bar) for the brass body and 2000 psig (138 bar) for the SS body
• Solves customer flow application needs with choice of custom vane calibrated
specifically for your application, Model V4, or field adjustable multilayer vane,
Model V4-2-U (see set point chart)
APPLICATIONS
• Protects pumps, motors and other equipment against low or no flow
• Controls sequential operation of pumps
• Automatically starts auxiliary pumps and engines
• Stops liquid cooled engines, machines and processing when coolant flow is
interrupted
• Shuts down burner when air flow through heating coil fails
• Controls dampers according to flow
3-11/32
[84.93]
2-23/32
[69.06]
UL AND CSA TYPE INCLUDES 16 GA LEADS,
6 [152.4] LONG. ATEX VERSION INCLUDES
TERMINAL BLOCK
1-5/8 [41.28]
CLEARANCE FOR
COVER REMOVAL
8
[203.20]
6-3/4
[171.45]
4-11/16
[119.06]
1
[25.40]
EXPLOSION-PROOF HOUSING WITH 3/4˝ [19.05 MM]
FEMALE NPT OR BSPT CONDUIT CONNECTION
SWITCH BODY, SAE 72 BRASS OR 316 SS
1-1/2˝ [38.10 MM] MALE NPT OR BSPT
PROCESS CONNECTION
MAGNET KEEPER, 430 SS
VANE BLOCK, 316 SS
FIVE LAYER VANE 316 SS
DESIGNED FOR 1-1/2˝ TO 8˝ [38.10 TO 203.20 MM]
PIPES USABLE IN LARGER PIPE SIZES.
SERIES V4
VVIID
DEEO
O OONN
SPECIFICATIONS
Service: Gases or liquids compatible
with wetted materials.
Wetted Materials: Vane: 316 SS; Body:
Brass or 316 SS standard; Magnet
keeper: 430 SS standard, 316 SS
optional; Options: Other materials also
available, consult factory (e.g. PVC,
hastelloy, nickel, monel, titanium).
Temperature Limit: -4 to 275°F (-20 to
135°C) standard, MT high temperature
option 400°F (205°C) [MT option not UL,
CSA, ATEX or IECEx] ATEX and IECEx
options, ambient temperature -4 to 163°F
(-20 to 73°C); Process temperature -4 to
163°F (-20 to 73°C).
Pressure Limit: Brass body 1000
psig (69 bar), 316 SS body 2000 psig
(138 bar), optional 5000 psig (345 bar)
available with 316 SS body and SPDT
switch only.
Enclosure Rating: Weatherproof and
Explosion-proof. **Listed with UL and
CSA for Class I, Groups C and D; Class
II, Groups E, F, and G.
ATEX
2813
II 2 G Ex db IIB T6
Gb -20°C≤Tamb≤73°C.
-20°C≤Process Temp≤73°C.
EU-Type Certificate No.: KEMA 03 ATEX
2383.
ATEX Standards: EN 60079-
0:2012+A11:2013; EN 60079-1:2014.
IECEx Certified: For Ex db IIB T6 Gb
-20°C≤Tamb≤73°C. -20°C≤Process
Temp≤73°C.
IECEx Certificate of Conformity: IECEx
DEK 11.0071.
IECEx Standards: IEC 60079-0:2011;
IEC 60079-1:2014.
Zone I. Also FM approved.
Switch Type: SPDT snap switch
standard, DPDT snap switch optional.
Electrical Rating: UL, FM, ATEX and
IECEx models 10 A @ 125/250 VAC
(V~). CSA models: 5 A @ 125/250 VAC
(V~); 5 A res., 3 A ind. @ 30 VDC
(V ). MV option: 1 A @125 VAC (V~);
1 A res., .5 A ind. @ 30 VDC (V ). MT
option: 5 A @ 125/250 VAC (V~). [MT
and MV option not UL, CSA, FM, ATEX
or IECEx].
Electrical Connections: UL and CSA
models: 16 AWG, 6˝ (152 mm) long.
ATEX and IECEx unit: Terminal block.
Conduit Connection: 3/4˝ female NPT
or 19.05 mm standard or M25 with
-BSPT option.
Process Connection: 1-1/2˝ male NPT
or 1-1/2˝ male BSPT or 38.10 mm.
Mounting Orientation: Within 5° of
vertical for proper operation. Units for
horizontal installation (vertical pipe with
up flow) available.
Set Point Adjustment: For universal
vane: five vane combinations.
Weight: 4 lb 8 oz (1.9 kg).
Compliance: ATEX, CE, CSA, FM,
IECEx, UL**.
**No housing option (-NH) has no approvals.
MODEL CHART
Model
Description
Connection Type
V4-2-U
V4-SS-2-U
V4-2-U-NH**
V4
V4-SS
V4-NH**
V4-2-U-BSPT
V4-SS-2-U-BSPT
V4-BSPT
V4-SS-BSPT
Brass body, universal vane
316 SS* body, universal vane
Brass body, universal vane, no housing
Brass body, custom vane
316 SS* body, custom vane
Brass body, custom vane, no housing
Brass body, universal vane
316 SS* body, universal vane
Brass body, custom vane
316 SS* body, custom vane
NPT
NPT
NPT
NPT
NPT
NPT
BSPT
BSPT
BSPT
BSPT
*316 SS body with 430 SS magnet keeper.
**No housing option (-NH) has no approvals.
†When both values are supplied, note which is critical.
Note: Consult factory for price and availability of fittings for V4 installation.
Thredolets, bushings, and tees are available in a variety of sizes and materials.
Note: For custom vane models, please supply factory with following information:
pipe size, flow direction (horizontal, up), mounting, pressure, temperature, specific
gravity, flow rates (maximum normal, actuation/deactuation†), etc.
OPTIONS
To order
add suffix: Description
-316
-AT
-BSPT
-D
-IEC
-MT
-MV
-TRD
-TRI
-V
316 SS magnet keeper, option to replace standard 430 SS
ATEX compliant construction
Female BSPT process connection and M25 conduit connection
DPDT contacts
IECEx certified construction
High temperature, option rated 400°F (204°C)*
Gold plated contacts, options for dry circuits*
Decreasing flow time delay relay option with 2 SPDT contacts,
adjustable from 0-1 to 0-31 minutes*
Increasing flow time delay relay option with 2 SPDT contacts,
adjustable from 0-1 to 0-31 minutes*
Vertical up flow, option for upward flow in vertical pipe
*See electrical rating in specification, no listings or approvals.
USA: California Proposition 65
WARNING: This product can expose you to chemicals including Lead, which is known to the State
of California to cause cancer and birth defects or other reproductive harm. For more information go
to www.P65Warnings.ca.gov.


Similar Part No. - SERIESV4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
Series 3M-Series Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Dwyer Instruments,
SERIES RM DWYER-SERIES RM Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
logo
Coherent Corp
SERIES-PAZ COHERENT-SERIES-PAZ Datasheet
377Kb / 2P
Polarizer - Analyzer - Attenuator
logo
Precid-Dip Durtal SA
SERIES110 PREDIP-SERIES110 Datasheet
23Kb / 4P
Quad-in-line sockets are suitable for with staggered double row Dual-in-line type pin patterns.
SERIES150 PREDIP-SERIES150 Datasheet
23Kb / 4P
High density DIL sockets for devices featuring (1.778 mm) lead spacing Shrinkdip pin header, solder tail
More results

Similar Description - SERIESV4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HKZ121 SIEMENS-HKZ121 Datasheet
142Kb / 7P
Hall-Effect Vane Switch
logo
Honeywell Solid State E...
3AV2A HONEYWELL-3AV2A Datasheet
76Kb / 1P
Vane operated position sensor
logo
Extech Instruments Corp...
451112 EXTECH-451112 Datasheet
161Kb / 5P
Vane Anemometer
logo
Honeywell Solid State E...
413SR10 HONEYWELL-413SR10 Datasheet
150Kb / 1P
MAGNETICALLY OPERATED HALL SWITCH
logo
Honeywell Accelerometer...
2AV54 HONEYWELL-ACC-2AV54 Datasheet
222Kb / 1P
SOLID STATE VANE SWITCH
103SR13A-4 HONEYWELL-ACC-103SR13A-4 Datasheet
142Kb / 1P
MAGNETICALLY OPERATED CYLINDRICAL HALL SWITCH
logo
Honeywell Solid State E...
613SS2 HONEYWELL-613SS2 Datasheet
95Kb / 1P
SOLID STATE SWITCH MAGNETICALLY OPERATED
SR17C-J6 HONEYWELL-SR17C-J6 Datasheet
138Kb / 1P
VANE SENSOR
logo
Motorola, Inc
MC141502 MOTOROLA-MC141502 Datasheet
42Kb / 1P
Tone operated Switch
logo
Testo SE & Co. KGaA
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
Vane anemometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com