Electronic Components Datasheet Search
  English  ▼

X  

1112/7 Datasheet(PDF) 17 Page - APM Hexseal Corporation All Rights Reserved

Part # 1112/7
Description  Hermetic Environmental Sealing Boots for Switches & Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

1112/7 Datasheet(HTML) 17 Page - APM Hexseal Corporation All Rights Reserved

Back Button 1112/7 Datasheet HTML 13Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 14Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 15Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 16Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 17Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 18Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 19Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 20Page - APM Hexseal Corporation All Rights Reserved 1112/7 Datasheet HTML 21Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
www.apmhexseal.com
800.498.9034
Rocker Switch Boots
SPECIFICATIONS
Material: APM RUBRGLAS™ (transparent silicone rubber), polymer
type, ASTM D1418
Temperature Range: -80°F to +400°F (-62°C to +204°C)
Operational Life: 50,000 actuations (minimum)
Resistant to: Salt spray, sunlight, ozone, weather, fungus, and most
acids and lubricating oils
Agency Recognition: Rock-R-Seels™ are UL-Recognized
Components for US & Canada to UL Std. 50,
types 1, 2, 3R, 5, 12, 12K, 13
Shelf Life: Excess of 25 years
PHOTOS 1-7
E-SEEL® (Rock-R-Seel™) rocker switch boots are molded from RUBRGLAS™ — APM’s proprietary high tear-strength,
transparent silicone rubber. These durable and flexible boots seal out dust, dirt, and moisture … without compromising
switch operability, position status viewing or legend visibility. Each is designed to fully enclose the switch bezel, while our
unique molded-in “panel sealing rib” forms a watertight and dust-tight seal against the front panel surface.
7
6
5
4
3
2
1
HOW TO ORDER
Specify APM boot part number.
Dimensions
AB
C
D
E
in.
mm
in.
mm
in.
mm
in.
mm
in.
mm
1
C1111/7
.359
9.13
.609
15.48
.937
23.81
1.703
43.26
.900
22.87
Consult Factory
2
C1113/62
.297
7.54
.797
20.24
.687
17.46
1.093
27.78
.968
24.61
Eaton/Arrow Hart – 2600 Series
3
C1113/63
.297
7.54
.406
10.32
.687
17.46
1.093
27.78
.515
13.10
Eaton/Arrow Hart – 2600 Series
4
C1113/66
.228
5.79
.348
8.84
.531
13.46
.750
19.05
.531
13.49
Carlingswitch #621
5
C1113/70
.297
7.54
.437
11.11
.875
22.23
1.218
30.96
.640
16.27
Carlingswitch
RSC Series
6
C1113/71
.413
10.49
.687
17.46
1.046
26.59
1.327
36.51
.703
17.86
Carlingswitch
M Series
Sensata
R11
Eaton/Heinemann
LC-1
C1113/80
.560
14.22
.750
19.05
1.375
34.92
1.750
44.45
.900
22.86
Potter W-33
Carling LTI6
7
C1113/75
.413
10.49
.687
17.46
1.046
26.59
1.437
36.51
1.390
35.32
Carlingswitch
M Series
Sensata
R21
Eaton/Heinemann
LC-2
Not
C1213/53
.312
9.14
.700
19.81
.700
19.81
1.120
29.21
.800
23.11
Oslo
S Series
Shown
C1213/60
.350
10.16
1.000
21.08
.820
21.08
1.120
29.21
.800
23.11
Oslo
S Series
Compatible with
These Rocker Switch
Manufacturers
(Partial List)
Photo
#
E-SEEL
Part #
Example:
Carling Technologies
M Series Rocker Actuator Switch
with C1113/71 E-SEEL
DIMENSIONS FOR REFERENCE ONLY.
Current dimensional drawings can be viewed
on our website and CAD drawings can also
be downloaded.
RoHS
Compliant
IP54 Rated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com