Electronic Components Datasheet Search
  English  ▼

X  

FPD7612 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD7612
Description  GENERAL PURPOSE PHEMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD7612 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD7612 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD7612 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD7612 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD7612 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL PURPOSE PHEMT
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
Datasheet v3.0
FPD7612
FEATURES:
•
20.5 dBm Output Power (P1dB)
•
13 dB Power Gain at 12 GHz
•
17 dB Maximum Stable Gain at 12 GHz
•
11 dB Maximum Stable Gain at 18 GHz
•
45% Power-Added Efficiency
GENERAL DESCRIPTION:
The
FPD7612
is
an
AlGaAs/InGaAs
pseudomorphic
High
Electron
Mobility
Transistor (PHEMT), featuring a 0.25
µm by
200
µm Schottky barrier gate, defined by high
-resolution
stepper-based
photolithography.
The
recessed
gate
structure
minimizes
parasitics to optimize performance.
The
epitaxial structure and processing have been
optimized for reliable high-power applications.
ELECTRICAL SPECIFICATIONS
1:
LAYOUT:
TYPICAL APPLICATIONS:
•
Narrowband and broadband high-
performance amplifiers
•
SATCOM uplink transmitters
•
PCS/Cellular low-voltage high-efficiency
output amplifiers
•
Medium-haul digital radio transmitters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power at 1dB Gain Compression
P1dB
VDS = 5 V; IDS = 50% IDSS
19
20.5
dBm
Power Gain at P1dB
G1dB
VDS = 5 V; IDS = 50% IDSS
11.0
13.0
dB
Noise FIgure
N.F. min
VDS = 5 V; IDS = 50% IDSS
1.2
dB
Power-Added Efficiency
PAE
VDS = 5V; IDS = 50% IDSS;
POUT = P1dB
45
%
Maximum Stable Gain (S21/S12)
f = 12 GHz
f = 24 GHz
MSG
VDS = 5 V; IDS = 50% IDSS
16
9.5
17
11
dB
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
45
60
75
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS
≅ +1 V
120
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
80
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
10
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 0.2 mA
0.7
1.0
1.3
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 0.2 mA
12.0
14.0
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 0.2 mA
14.5
16.0
V
Thermal Resistivity (see Notes)
θJC
VDS > 3V
280
°C/W
Thermal Resistivity (see Notes)
θJC
VDS > 6V
20
°C/W
Note:
1 T
Ambient = 22°C; RF specifications measured at f = 12 GHz using CW signal


Similar Part No. - FPD7612

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD7612 FILTRONIC-FPD7612 Datasheet
190Kb / 2P
GENERAL PURPOSE PHEMT
FPD7612P70 FILTRONIC-FPD7612P70 Datasheet
190Kb / 3P
HI-FREQUENCY PACKAGED PHEMT
More results

Similar Description - FPD7612

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AFP02N8-000 ALPHA-AFP02N8-000 Datasheet
23Kb / 4P
General Purpose PHEMT Chip
AFP02N8-212 ALPHA-AFP02N8-212 Datasheet
30Kb / 4P
General Purpose Packaged PHEMT Chips
logo
Filtronic Compound Semi...
FPD200 FILTRONIC-FPD200 Datasheet
185Kb / 2P
GENERAL PURPOSE PHEMT
FPD7612 FILTRONIC-FPD7612 Datasheet
190Kb / 2P
GENERAL PURPOSE PHEMT
FPD200 FILTRONIC-FPD200_1 Datasheet
199Kb / 4P
GENERAL PURPOSE PHEMT DIE
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com