Electronic Components Datasheet Search
  English  ▼

X  

10028 Datasheet(PDF) 1 Page - Santronics Inc

Part # 10028
Description  Static Shielding Bag 1000 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

10028 Datasheet(HTML) 1 Page - Santronics Inc

  10028 Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This transparent metal-in static shielding bag is designed to provide a
static safe environment for ESD sensitive electronic devices. Bags are
printed with an ESD protective symbol and a lot code for traceability.
Open top (1000 Series) and ZipTop (3000 Series) styles are available.
The bags are heat sealable.
SCS Static Shielding Bags 1000 Series are manufactured from a
polyester, metal, polyethylene laminate. The polyester dielectric in
concert with the metal layer provides discharge shielding. The exterior
being static dissipative allows electrostatic charges to be removed
when grounded.
DRAWING
NUMBER
1000 Series
DATE
June
2022
© 2022 DESCO INDUSTRIES INC
Employee Owned
1000 SERIES STATIC SHIELDING BAG
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000 | WEST: (909) 627-9634
Static Shielding Bag 1000 Series
Physical
Typical Value
Testing Method
Tensile Strength
4600 PSI, 32 MPa
ASTM D882
Puncture Resistance
12 lbs, 53 N
MIL-STD-3010C Method
2065
Seal Strength
11 lbs, 48 N
ASTM D882
Thickness
2.8 mils, 0.071 mm +/-10%
MIL-STD-3010C Method
1003
Marking Adhesion
Pass
IPC-TM-650 2.4.1
Transparency
40%
Tobias
Electrical
Typical Value
Testing Method
ESD Shielding
<10 nJ
ANSI/ESD STM11.31
Surface Resistance -
Interior
1 x 104 to < 1 x 1011 ohms
ANSI/ESD STM11.11
Surface Resistance -
Exterior
< 1 x 1011 ohms
ANSI/ESD STM11.11
Static Decay
< 2 seconds
ETS 406D
Cleanliness
Typical Value
Testing Method
Silicone
Not Detected
FTIR
Heat Sealing Conditions Typical Value
Temperature
300ºF – 375°F, 149ºC – 190°C
Time
0.5 – 3.5 seconds
Pressure
30 – 70 PSI, 206 – 482 KPa
Tolerance: Width -0, +1/4"
Length +/- 1/8" Offset 0 to 1/4"
Seal width 3/8" with a tolerance of +/- 1/8"
Open Top Bag
ZipTop Bag
Tolerance (inches): Width -0, +0.250 Length +/- 0.125 Offset O to 0.250
Seal width +/- 0.125
Open Top Bag
ZipTop Bag
Made in the
United States of America
This product is intended for commercial use only. This product is not on
the Qualified Product Listing under the Defense Standardization Program.
Specifications and procedures subject to change without notice.
Bag is free of amines, silicones and heavy metals.
Note: Standard bag markings shown
above and are not to scale.
Meets ANSI/ESD S20.20 and IEC 61340-5-1, Packaging standards ANSI/ESD
S541 and IEC 61340-5-3, and Static Control Bag ANSI/ESD S11.4 Level 3
7
OTHER
11
PET/ALU/PE
Static Shielding Bag
1000
Discharge Shielding
ATTENTION:
Contents may be Static Sensitive
Handling Precautions Required
LOT 13910987654321
7
OTHER
11
PET/ALU/PE
Static Shielding Bag
1000
Discharge Shielding
ATTENTION:
Contents may be Static Sensitive
Handling Precautions Required
LOT 13910987654321
RoHS, REACH and Conflict Minerals, Statement
See the SCS RoHS, REACH, and Conflict Minerals Statement:
http://staticcontrol.com/PDF/Regulatory_Statement_SCS_Bags.pdf
See the SCS Limited Warranty:
StaticControl.DescoIndustries.com/Limited-Warranty.aspx
** Bags are printed (hot stamp or thermal) with an ESD
protective symbol and a lot code for traceability. **


Similar Part No. - 10028

ManufacturerPart #DatasheetDescription
logo
Heyco.
10028 HEYCO-10028 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
SUYIN USA, INC.
100280MB SUYIN-USA-100280MB Datasheet
170Kb / 1P
0.5mm PITCH I/O CONNECTOR
logo
List of Unclassifed Man...
100281 ETC-100281 Datasheet
412Kb / 2P
RevPi Con M-Bus
Version: EN 1.2
logo
Innovative Sensor Techn...
100284 IST-100284 Datasheet
377Kb / 2P
Platinum sensor with wires For high temperatures
logo
FCI connector
10028436 FCI-CONNECTOR-10028436 Datasheet
184Kb / 5P
AIRMAX VS R/A HEADER ASSY PRESS-FIT I20 POS 22MM
More results

Similar Description - 10028

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30058 3M-30058 Datasheet
67Kb / 2P
STATIC SHIELDING BAG, OPEN TOP AND ZIPTOP
D2746 3M-D2746 Datasheet
203Kb / 2P
How To Specify a 3M™ Static Shielding or Moist ure Barrier Bag
logo
List of Unclassifed Man...
13080 ETC2-13080 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030 (.0762mm)
13506 ETC2-13506 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030 (.0762mm)
13445 ETC2-13445 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13475 ETC2-13475 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13510 ETC2-13510 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
48514 ETC2-48514 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
48515 ETC2-48515 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
12789 ETC2-12789 Datasheet
171Kb / 1P
STATSHIELD METAL-IN SERIES LEAD-FREE AREA ESD SHIELDING BAG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com