Electronic Components Datasheet Search
  English  ▼

X  

P2PSM54G Datasheet(PDF) 1 Page - nVent Electric plc

Part # P2PSM54G
Description  Full Subpanel (Rear or Si de)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2PSM54G Datasheet(HTML) 1 Page - nVent Electric plc

  P2PSM54G Datasheet HTML 1Page - nVent Electric plc P2PSM54G Datasheet HTML 2Page - nVent Electric plc P2PSM54G Datasheet HTML 3Page - nVent Electric plc P2PSM54G Datasheet HTML 4Page - nVent Electric plc P2PSM54G Datasheet HTML 5Page - nVent Electric plc P2PSM54G Datasheet HTML 6Page - nVent Electric plc P2PSM54G Datasheet HTML 7Page - nVent Electric plc P2PSM54G Datasheet HTML 8Page - nVent Electric plc P2PSM54G Datasheet HTML 9Page - nVent Electric plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PROLINE G2 INtERNaL COmPONENts Panels and accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
1
Spec-01198 D
Spec-01198
FuLL subPaNEL (REaR OR sIdE)
aPPLICatION
The PROLINE G2 Subpanel is part of the new patent pending EZ-
Load Mounting System which was designed to maximize space
utilization and to make loading the subpanel faster and safer
by providing a variety of loading options. The EZ-Load Glide
Blocks can be used to load a subpanel vertically from the front,
rear or side. Additionally, they can be used to load the subpanel
horizontally—a new method for a more controlled option to load a
subpanel into a modular enclosure.
FEatuREs
•
Accommodates five loading options: vertical front, vertical side,
vertical rear, horizontal front (frame over subpanel), horizontal
rear (subpanel lowered into frame)
•
Large mounting subpanel; maximum internal space efficiency
•
Mounting subpanel is securely fastened at the top and bottom of
the enclosure
sPECIFICatIONs
•
Subpanels systems less than 1200mm wide include four sets of
EZ-Load Glide Blocks, four BV-M6 fasteners (block to frame) and
four M12 Hex Bolts (subpanel to block)
•
Subpanel systems 1200mm and greater include eight sets of
EZ Load Glide Blocks, eight BV-M6 fasteners (block to frame)
and eight M12 Hex Bolts (subpanel to block) to ensure wider
subpanels are well supported
•
Subpanels can be mounted at any depth in 25-mm increments
(front to back)
•
Accommodates back-to-back subpanels and fully recessed rear
position
•
Panels can be installed in the rearmost position, or positioned so
joined enclosures provide a continuous mounting surface without
requiring joining panels
•
High space efficiency ratio (HxW of subpanel)/(HxW of frame) of
84 percent
•
Side-mount panels must be used for the sides of the enclosure;
they can be installed on the interior sides of frames
•
Widths of 1200 mm are 10 gauge (3.0 mm) mild steel; widths less
than 1200 mm are 12 gauge (2.5 mm)
•
Conductive (galvanized/plated) or painted options
•
Optional panel support bracket available for applications
requiring more support in the center of the subpanel; this is
required if the enclosure will be tipped in transit or if the panel is
not located at the bottom of the enclosure on the glide blocks
•
Optional panel support brace for the bottom of the enclosure
provides additional support for heavy loads
FINIsH
•
Painted polyester powder paint; white
•
Custom colors available
LOad RatING
•
2000 lbs (907 kg), safety factor 2.5; frame size: 2000x600x800
mm (load ratings vary by frame size)
aCCEssORIEs
•
Joining Subpanels
•
Panel Support Bracket
•
Panel Support Brace
Bulletin: p40


Similar Part No. - P2PSM54G

ManufacturerPart #DatasheetDescription
logo
nVent Electric plc
P2PSM10G NVENT-P2PSM10G Datasheet
643Kb / 4P
JOINING SU BPANEL
P2PSM12G NVENT-P2PSM12G Datasheet
643Kb / 4P
JOINING SU BPANEL
P2PSM14G NVENT-P2PSM14G Datasheet
643Kb / 4P
JOINING SU BPANEL
P2PSM16G NVENT-P2PSM16G Datasheet
643Kb / 4P
JOINING SU BPANEL
P2PSM18G NVENT-P2PSM18G Datasheet
643Kb / 4P
JOINING SU BPANEL
More results

Similar Description - P2PSM54G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTA10HA ETC1-MTA10HA Datasheet
324Kb / 2P
Full-Size (7.3mm or 4.7mm height)
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
logo
Schurter Inc.
6100.3200 SCHURTER-6100.3200 Datasheet
449Kb / 3P
Screw-on mounting from front or rear-side
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
logo
PHOENIX CONTACT
1656505 PHOENIX-1656505 Datasheet
70Kb / 4P
Socket insert - VS-SI-SD-DE
09/11/2020
1656518 PHOENIX-1656518 Datasheet
71Kb / 4P
Socket insert - VS-SI-SD-DE-G
09/11/2020
1528183 PHOENIX-1528183 Datasheet
248Kb / 7P
SACC-DSIV-M12MS-5CON-L180-SI - Device connector, rear mounting
logo
List of Unclassifed Man...
OZ9966 ETC-OZ9966 Datasheet
219Kb / 4P
Full-bridge or dual-forward topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com