Electronic Components Datasheet Search
  English  ▼

X  

DEV2V2S500M8KLF Datasheet(PDF) 4 Page - Amphenol Communications Solutions

Part # DEV2V2S500M8KLF
Description  D-Subminiature High Power Series WITH CRIMP, SOLDER BUCKET, AND PCB TERMINATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

DEV2V2S500M8KLF Datasheet(HTML) 4 Page - Amphenol Communications Solutions

  DEV2V2S500M8KLF Datasheet HTML 1Page - Amphenol Communications Solutions DEV2V2S500M8KLF Datasheet HTML 2Page - Amphenol Communications Solutions DEV2V2S500M8KLF Datasheet HTML 3Page - Amphenol Communications Solutions DEV2V2S500M8KLF Datasheet HTML 4Page - Amphenol Communications Solutions DEV2V2S500M8KLF Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature High Power Series
D
A
V
3W3
S
A
00
9K
LF
PART NUMBER SELECTOR
High Power-Cable Connector-Nomenclature
Shell Size
E, A, B, C
Front Accessory
Blank Without accessory
L
Threaded Insert M3
O
Threaded Insert UNC4-40
V
Female Screw UNC4-40
Lead-free
Series
PCB Accessory Definition
A
Without accessory to PCB
Contacts
S
Socket
P
Plug
Power Contacts
00 Without power contacts
High Current
9K High Current 75A
Layout of Contact
D
B
V
5W5
S
5
00
H
9K
LF
High Power-RA PCB Connector
Shell Size
E, A, B, C
Front Accessory
Blank Without accessory
L
Threaded Insert M3
O
Threaded Insert UNC4-40
V
Female Screw UNC4-40
Lead-free
Series
Termination Type
5
Right angle/Europe standard
Contacts
S
Socket
P
Plug
Plating
00 500 mating/unmating
PCB accessories definition
A
Without accessory
H
Metal brackets + harpoons for PCB 2.40mm
G
Metal brackets + harpoons for PCB 1.60mm
M Metal brackets
Power Contacts
9K Fitted with power contacts 75Amp
Layout of Contact



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com