Electronic Components Datasheet Search
  English  ▼

X  

D11-2C Datasheet(PDF) 4 Page - TT Electronics.

Part # D11-2C
Description  Single-In-Line Conformal Coated Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

D11-2C Datasheet(HTML) 4 Page - TT Electronics.

  D11-2C Datasheet HTML 1Page - TT Electronics. D11-2C Datasheet HTML 2Page - TT Electronics. D11-2C Datasheet HTML 3Page - TT Electronics. D11-2C Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Single-In-Line Conformal Coated Diode Array
D Series
09.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Single-In-Line Conformal
Coated Diode Array
D Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.14
Ordering Information
Material
Part
Material
Substrate
Alumina ceramic
Diode
Small mold package silicon expitaxial planar diode array
Termination
100% Ag
Lead Pins
100% Sn Plated steel
Junction and Lead Pin finish
96%Sn, 3.5%Ag, 0.5%Cu
Conformal Coat
Expoxy resin, UL-94 V-0 rated
Packaging
D 8 - 3 C
Model
Number of pins:
4 to 14
Circuit type:
1 = Bussed with pin 1 in common.
2 = Bussed with centered common.
3 = Isolated.
5 = Dual termination.
Polartity (see schematic)
A = Common Anode ( circuit 1, circuit 2)
Annode is at pin number 1 (circuit 3, circuit 5)
C = Common Cathode (circuit 1, circuit 2)
Cathode is at pin number 1 (circuit 3, circuit 5)
All sizes of D series product are packed in boxes of 200 pieces.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com