Electronic Components Datasheet Search
  English  ▼

X  

BC847CD Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # BC847CD
Description  NPN/NPN Matched Double Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

BC847CD Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  BC847CD Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. BC847CD Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. BC847CD Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. BC847CD Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. BC847CD Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristics at Ta = 25
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 2 mA
BC846AD~BC848AD
BC846BD~BC848BD
BC846CD~BC848CD
hFE
hFE
hFE
110
200
420
220
450
800
-
-
-
Collector Base Voltage
at IC = 50 µA
BC846D
BC847D
BC848D
VCBO
80
50
30
-
-
-
V
Collector Emitter Voltage
at IC = 1 mA
BC846D
BC847D
BC848D
VCEO
65
45
30
-
-
-
V
Emitter Base Voltage
at IE = 50 µA
BC846D
BC847D
BC848D
VEBO
6
6
5
-
-
-
V
Collector Base Cutoff Current
at VCB = 30 V
ICBO
-
15
nA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
100
nA
Collector Emitter Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
at IC = 100 mA, IB = 5 mA
VCE(sat)
-
-
0.25
0.6
V
Base Emitter Voltage
at VCE = 5 V, IC = 2 mA
at VCE = 5 V, IC = 10 mA
VBE
0.58
-
0.7
0.77
V
Transition Frequency
at VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
100
-
MHz
Collector Output Capacitance
at VCB = 10 V, IE = 0, f = 1 MHz
Cob
-
4.5
pF
2
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com