Electronic Components Datasheet Search
  English  ▼

X  

RM2C Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # RM2C
Description  PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RM2C Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  RM2C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RM2C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.6
0.7 0.9
1.1
1.3
1.5
0.01
0.04
0.1
0.4
1.0
1.2
1.4
2.0
10
TJ=25
PulseWidth=300uS
1.7
1.9
0.01
0
0.1
TJ=25
20
40
60
80
100
120
140
10
100
TJ=100
2
0
0
10
20
100
46
4 0
60
20
40
60
80
100
TJ=125
8.3ms Single Half
Sine Wave
0
0
25
50
75
100
125
150
175
0.3
0.6
0.9
1.2
1.5
Single Phase
Half Wave RHz
Inductive Load
INIDUCTIVE LOAD
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED REVERSE VOLTAGE,
RM2Z(Z)---RM2C(Z)
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
FIG.2 --PEAK FORWARD SURGE CURRENT
FIG.1 -- FORWARD DERATING CURVE
FORWARD VOLTAGE,VOLTS
RATINGSANDCHARACTERISTIC CURVES
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0260030
2.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com