Electronic Components Datasheet Search
  English  ▼

X  

BSP52Q Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # BSP52Q
Description  NPN Silicon Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

BSP52Q Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  BSP52Q Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. BSP52Q Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. BSP52Q Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. BSP52Q Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics at Ta = 25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 150 mA
at VCE = 10 V, IC = 500 mA
hFE
hFE
1000
2000
-
-
-
-
-
-
Collector Emitter Cutoff Current
at VCE = 80 V
ICEO
-
-
10
µA
Emitter Base Cutoff Current
at VEB = 4 V
IEBO
-
-
1
mA
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
90
-
-
V
Emitter Base Breakdown Voltage
at IE = 1 mA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 0.5 mA
VCE(sat)
-
-
1.3
V
Base Emitter Saturation Voltage
at IC = 500 mA, IB = 0.5 mA
VBE(sat)
-
-
1.9
V
Rise Time
at VCC = 10 V, IC = 150 mA, IB1 = 0.15 mA
tr
-
155
-
ns
Delay Time
at VCC = 10 V, IC = 150 mA, IB1 = 0.15 mA
td
-
205
-
ns
Storage Time
at VCC = 10 V, IC = 150 mA, IB1 = 0.15 mA, IB2 = 0.15 mA
ts
-
420
-
ns
Fall Time
at VCC = 10 V, IC = 150 mA, IB1 = 0.15 mA, IB2 = 0.15 mA
tf
-
365
-
ns
2
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com