Electronic Components Datasheet Search
  English  ▼

X  

RF7115 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF7115
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115 Datasheet(HTML) 1 Page - RF Micro Devices

  RF7115_1 Datasheet HTML 1Page - RF Micro Devices RF7115_1 Datasheet HTML 2Page - RF Micro Devices RF7115_1 Datasheet HTML 3Page - RF Micro Devices RF7115_1 Datasheet HTML 4Page - RF Micro Devices RF7115_1 Datasheet HTML 5Page - RF Micro Devices RF7115_1 Datasheet HTML 6Page - RF Micro Devices RF7115_1 Datasheet HTML 7Page - RF Micro Devices RF7115_1 Datasheet HTML 8Page - RF Micro Devices RF7115_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
LB RF IN
TX EN
VRAMP
HB RF IN
RX 1
RX 2
RX 3
RX 4
ANTENNA
B3
VSENSE
B1
B2
VBATT
2
3
4
5
9
13
6
14
15
16
21
7
8
1
Fully Integrated
Power Control Circuit
and Switch Decoder
GSM GaAs Die
DCS/PCS GaAs Die
pHEMT
Switch
RF7115
QUAD-BAND GSM850/GSM900/DCS/PCS
TRANSMIT MODULE
The RF7115 is a high-power, high-efficiency transmit module containing
RFMD’s Power Star
© integrated power control, integrated pHEMT front end
antenna switch and harmonic filtering functionality. All of which combine to pro-
vide for best in class harmonic emission control and RX and TX insertion loss.
The device is self-contained with 50
Ω input and output terminals with no
matching components required. The integrated power control function based
on RFMD’s patented Power Star
© control is incorporated, eliminating the need
for directional couplers, detector diodes, power control ASIC’s, and other power
control circuitry; this allows the module to be driven directly from the DAC out-
put. The device is designed for use as the final portion of the transmit chain in
GSM850, EGSM900, DCS and PCS GMSK and eliminates the need for PA to
antenna switch module matching. On-board power control provides over 70dB
control range. The integrated antenna switch allows true quad band TX and RX
functionality. Built-in current limiter option may be utilized to minimize power
variation in mismatch condition.
Features
Reduced Solution Size Integrat-
ing Antenna Switch and Har-
monic Filtering to Decrease Time
to Market
Package 7x8x1.2mm
IEC 61000-4-2 Compliant
In/Output Matched to 50
Ω
DC Block on Antenna Port
GSM850/900 POUT=33.5dBm
DCS/PCS POUT=30.5dBm
New Current Limiter
Applications
GSM850/EGSM900/DCS/PCS
Products
GPRS Class 12 Capable
Power Star© Module
3V Quad-Band Handsets
Portable Battery-Powered Equip-
ment
Rev A0 DS060808
RoHS Compliant & Pb-Free Product
Package Style: Module (7mmx8mm)


Similar Part No. - RF7115_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7115PCBA-41X RFMD-RF7115PCBA-41X Datasheet
572Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF7115SB RFMD-RF7115SB Datasheet
572Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
More results

Similar Description - RF7115_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
logo
List of Unclassifed Man...
RF3140PCBA ETC1-RF3140PCBA Datasheet
253Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS PCS
logo
RF Micro Devices
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF7115 RFMD-RF7115 Datasheet
572Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com