Electronic Components Datasheet Search
  English  ▼

X  

HAUTSESSTR300 Datasheet(PDF) 1 Page - SOURIAU-SUNBANK Connection Technologies

Part # HAUTSESSTR300
Description  Cable assembly
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

HAUTSESSTR300 Datasheet(HTML) 1 Page - SOURIAU-SUNBANK Connection Technologies

  HAUTSESSTR300 Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies HAUTSESSTR300 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies HAUTSESSTR300 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
36
UTS Series
Cable assembly
Souriau provides connectors in various applications for more than 90 years in the most extreme environment.
Being conscious about the difficulty to find a quick and a reliable harness manufacturer, we decided years ago to start in house cable
assembly production. It allows customers to reduce the number of suppliers, and to take advantage of the "best in class" quality of the
Souriau group. Overmoulding is a process that further enhances the sealing properties of the UTS range, especially over many years
of use. Overmoulding provides the opportunity to change the cable exit from straight through 90 degrees and avoid any stress on the cable
terminated to the connector. Also, as the wires are encapsulated inside the moulding, a barrier is created which prevents from any liquid from entering
the equipment through the connector if the cable jacket is breached.
In this section you’ll find standard cable sets but as all customers are unique we are happy to adapt our proposal to your specific needs on demand.
Overmoulded harnesses
Harnesses
Other lengths and configurations: on demand, see factory
Note: UTS standard necessarily with gold plated stamped & formed contacts
Connector
type
Backshell
type
Gender
Connector
size
Part number
1m of cable
3m of cable
5m of cable
UTS
standard
Straight
Male
10 to 18
HAUTSOV - - PSTR100
HAUTSOV - - PSTR300
HAUTSOV - - PSTR500
Female
HAUTSOV - - SSTR100
HAUTSOV - - SSTR300
HAUTSOV - - SSTR500
90°
Male
HAUTSOV - - PRA100
HAUTSOV - - PRA300
HAUTSOV - - PRA500
Female
HAUTSOV - - SRA100
HAUTSOV - - SRA300
HAUTSOV - - SRA500
UTS Hi seal
Straight
Male
8 to 14
HAUTSOV - E - PSTR100 HAUTSOV - E - PSTR300 HAUTSOV - E - PSTR500
Female
HAUTSOV - E - SSTR100 HAUTSOV - E - SSTR300 HAUTSOV - E - SSTR500
90°
Male
HAUTSOV - E - PRA100
HAUTSOV - E - PRA300
HAUTSOV - E - PRA500
Female
HAUTSOV - E - SRA100
HAUTSOV - E - SRA30
HAUTSOV - E - SRA500
Total length
Free end
Total length
Free end
Connector
type
Backshell
type
Gender
Connector
size
Part number
1m of cable
3m of cable
5m of cable
UTS
standard
Straight
Male
10 to 18
HAUTS - - PSTR100
HAUTS - - PSTR300
HAUTS - - PSTR500
Female
HAUTS - - SSTR100
HAUTS - - SSTR300
HAUTS - - SSTR500
UTS Hi seal
Straight
Male
8 to 14
HAUTS - E - PSTR100
HAUTS - E - PSTR300
HAUTS - E - PSTR500
Female
HAUTS - E - SSTR100
HAUTS - E - SSTR300
HAUTS - E - SSTR500
Discrete
connector
Overmoulded
connector
Standard harnesses
If cable jacket is breached...
water ingress unhampered, leading to damage.
If cable jacket is breached...
prevents water ingress via capillary action.


Similar Part No. - HAUTSESSTR300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HAU VISHAY-HAU Datasheet
92Kb / 5P
Ceramic Singlelayer DC Disc Capacitors, 1 kVDC General Purpose
Revision: 28-Jan-2022
logo
HUAAN LIMITED
HAU0544PC HUAAN-HAU0544PC Datasheet
367Kb / 2P
4-Line Ultra-low Capacitance TVS Diode Array
logo
Vishay Siliconix
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
Ceramic High Voltage Disc Capacitors, Class 1
31-Jan-2006
HAU100KBA###KR VISHAY-HAU100KBA###KR Datasheet
92Kb / 5P
Ceramic Singlelayer DC Disc Capacitors, 1 kVDC General Purpose
Revision: 28-Jan-2022
HAU101 VISHAY-HAU101 Datasheet
185Kb / 4P
Ceramic High Voltage Disc Capacitors, Class 1
31-Jan-2006
More results

Similar Description - HAUTSESSTR300

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
L99-346-3000 ROSENBERGER-L99-346-3000 Datasheet
639Kb / 3P
Cable Assembly
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
Cable assembly
LU7-071-500 ROSENBERGER-LU7-071-500 Datasheet
623Kb / 1P
Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
CABLE ASSEMBLY
LU1-034-600 ROSENBERGER-LU1-034-600 Datasheet
568Kb / 2P
Cable assembly
logo
JFW Industries, Inc.
016-107-XX JFW-016-107-XX Datasheet
67Kb / 1P
CABLE ASSEMBLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com