Electronic Components Datasheet Search
  English  ▼

X  

HAUTSPSTR500 Datasheet(PDF) 2 Page - SOURIAU-SUNBANK Connection Technologies

Part # HAUTSPSTR500
Description  Cable assembly
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

HAUTSPSTR500 Datasheet(HTML) 2 Page - SOURIAU-SUNBANK Connection Technologies

  HAUTSPSTR500 Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies HAUTSPSTR500 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies HAUTSPSTR500 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
37
UTS Series
Cable selection
Cable information
Range of temperature:
Occasional flexing: -5°C up to +70°C
Fixed installation: -40°C up to +80°C
Rated voltage:
U0/U: 300/500 V
Wire section :
Arrangement with #16 contact: wire section 1.5 mm²
Arrangement with #20 contact: wire section 0.5 mm²
Connector type
Number and size of
wires
Cable used
Shell size
Arrangement
for UTS standard
Type
Harmonised reference
8
8E2
2 #20
2X0.5
H05 VV - F 2X0.5
8E3; 8E3A; 8E33
3 #20
3X0.5
H05 VV - F 3X0.5
8E4
4 #20
4X0.5
H05 VV - F 4X0.5
10
103PE
3 #16
3G1.5
H05 VV - F 3G1.5
103
3 #16
3X1.5
H05 VV - F 3X1.5
104
4 #16
4X1.5
H05 VV - F 4X1.5
106; 1098
6 #20
7X0.5
H05 VV - F 7X0.5
10E7
7 #20
7X0.5
H05 VV - F 7X0.5
12
12E2
2 #16
2X1.5
H05 VV - F 2X1.5
12E3
3 #16
3X1.5
H05 VV - F 3X1.5
124PE
4 #16
4G1.5
H05 VV - F 4G1.5
128
8 #16
8X1.5
H05 VV - F 8X1.5
12E8
8 #20
10G0.5
H05 VV - F 10G0.5
1210
10 #20
10G0.5
H05 VV - F 10G0.5
1214
14 #20
14G0.5
H05 VV - F 14G0.5
14
14E2
3 #8
3G10
H05 VV - F 3G10
147PE
7 #16
7G1.5
H05 VV - F 7G1.5
1412
12 #16
12X1.5
H05 VV - F 12X1.5
14E12
8 #20; 4 #16
12G0.5
H05 VV - F 12G0.5
14E15
14 #20; 1 #16
18G0.5
H05 VV - F 18G0.5
14E18
18 #20
18G0.5
H05 VV - F 18G0.5
1419
19 #20
21G0.5
H05 VV - F 21G0.5
18
18E11
11 #16
12X1.5
H05 VV - F 12X1.5
1823
23 #16
25G1
H05 VV - F 25G1.5
18E30
29 #20; 1 #16
30G0.5
H05 VV - F 30G0.5
1832
32 #20
35G0.5
H05 VV - F 35G0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com