Electronic Components Datasheet Search
  English  ▼

X  

RF5924 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5924
Description  3.7V, SINGLE-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5924 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5924_1 Datasheet HTML 5Page - RF Micro Devices RF5924_1 Datasheet HTML 6Page - RF Micro Devices RF5924_1 Datasheet HTML 7Page - RF Micro Devices RF5924_1 Datasheet HTML 8Page - RF Micro Devices RF5924_1 Datasheet HTML 9Page - RF Micro Devices RF5924_1 Datasheet HTML 10Page - RF Micro Devices RF5924_1 Datasheet HTML 11Page - RF Micro Devices RF5924_1 Datasheet HTML 12Page - RF Micro Devices RF5924_1 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9 of 14
RF5924
Rev A6 DS061018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5924 Biasing Instructions:
•
802.11b/g Transmit (VCC compliance=5V, 500mA, VREG compliance=3V, 20mA)
• Connect the FEM to a signal generator at the input and a spectrum analyzer at the output.
•Bias VCC to 3.7V first with PA_EN=0.0V
• Refer to switch operational truth table to set the control lines at the proper levels for WLAN TX.
• Turn on PA_EN to 2.7V. PA_EN controls the current drawn by the 802.11b/g power amplifier and the current
should quickly rise to ~180mA±30mA for a typical part but it varies based on the output power desired. Be
extremely careful not to exceed 3.0V on the PA_EN pin or the part may exceed device current limits.
•
802.11 b/g Receive
• To Receive WLAN set the switch control lines per the truth table below.
•
Bluetooth Receive
• To Receive Bluetooth set the switch control lines per the truth table below.
Operational Truth Table
Mode
TRSW-P
TRSW-M
ANSW-P
ANSW-M
PA_EN
Bluetooth
L
HLHL
WLAN TX
L
H
H
L
H
WLAN RX
H
L
X*
L
L
Indeterminate
All other states
L
*Note: The state of the ANSW-P is a don’t care. It can be either High or Low, and will yield the same performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com