Electronic Components Datasheet Search
  English  ▼

X  

RF5622 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5622
Description  3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5622 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5622 Datasheet HTML 1Page - RF Micro Devices RF5622 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF IN
VREG
VC2
RF OUT
1
2
8
7
5
6
4
3
Bias Circuit
Input
Match
Interstage
Match
Power
Detector
2Fo
Filter
RF5622
3.0V TO 4.5V, 2.4GHz TO 2.5GHz
LINEAR POWER AMPLIFIER
The RF5622 is a linear, medium-power, high-efficiency, two-stage ampli-
fier IC designed specifically for battery-powered WLAN applications such
as PC cards, mini PCI, and compact flash applications. The device is man-
ufactured on an advanced InGaP Gallium Arsenide Heterojunction Bipolar
Transistor (HBT) process, and has been designed for use as the final RF
amplifier in 2.5GHz OFDM and other spread-spectrum transmitters. The
device is provided in a 2mmx2mm, 8-pin, QFN with a backside ground.
The RF5622 is designed to maintain linearity over a wide range of supply
voltage and power output. The RF5622 also has built-in power detector
and incorporates the input and interstage matching components internally
which reduces the component count used externally and makes it easier
to incorporate on any design.
Features
Single Power Supply 3.0V to
4.5V
30dB Typical Gain, Input
Matched to 50
Ω
2.4GHz to 2.5GHz Frequency
Range
11g POUT=+18dBm@3% Typ
EVM, 95mA
Applications
IEEE802.11b/g/n WLAN
Applications
2.5GHz ISM Band Applica-
tions
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
Spread-Spectrum and MMDS
Systems
RF5622
3.0V to 4.5V, 2.4GHz to 2.5GHz Linear Power Amplifier
RF5622PCBA-41X
Fully Assembled Evaluation Board
Rev A2 DS071011
Preliminary
RoHS Compliant & Pb-Free Product
Package Style: QFN, 8-Pin, 2x2x0.45mm


Similar Part No. - RF5622

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5622 RFMD-RF5622_11 Datasheet
200Kb / 9P
LINEAR POWER AMPLIFIER
More results

Similar Description - RF5622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
WiFi Power Amplifier 2.4GHz to 2.5GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com