Electronic Components Datasheet Search
  English  ▼

X  

PCAN-USB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCAN-USB
Description  Battery Management System (BMS) with MPC5775B-EVB and RD33771CDSTEVB
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAN-USB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCAN-USB Datasheet HTML 4Page - NXP Semiconductors PCAN-USB Datasheet HTML 5Page - NXP Semiconductors PCAN-USB Datasheet HTML 6Page - NXP Semiconductors PCAN-USB Datasheet HTML 7Page - NXP Semiconductors PCAN-USB Datasheet HTML 8Page - NXP Semiconductors PCAN-USB Datasheet HTML 9Page - NXP Semiconductors PCAN-USB Datasheet HTML 10Page - NXP Semiconductors PCAN-USB Datasheet HTML 11Page - NXP Semiconductors PCAN-USB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Quick Start Guide
STEP-BY-STEP INSTRUCTIONS FOR BMS DEMO SETUP CONTINUED
5 Power the
MPC5775B-EVB
Connect 12V power supply to power socket on
the Development board.
Make sure the status LEDs D14, D15, D16 and
D32 for voltage levels 3.3V, 5V, 1.25V and 12V
supply respectively are glowing green on the
board.
6 Connect the CAN with PCAN tool
Connect CAN High and Low signals of J78
to PCAN tool CAN high and low.
MPC5775B-EVB:
J78 pin 2 is CAN0_High
J78 pin 3 is CAN0_Low
PIN DESCRIPTION
REMARKS
1
5V
TJA1145T PHY
need to be enabled
via DSPI_B, Chip
select CSB1. Use
J58 & J60 for CAN
module selection. By
default connected to
FlexCAN_A/MCAN0.
2
CAN1_0H
3
CAN1_0L
4
GND
Power
LEDs
J78
CAN0
header
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com