Electronic Components Datasheet Search
  English  ▼

X  

OPA596 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA596
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA596 Datasheet HTML 16Page - Texas Instruments OPA596 Datasheet HTML 17Page - Texas Instruments OPA596 Datasheet HTML 18Page - Texas Instruments OPA596 Datasheet HTML 19Page - Texas Instruments OPA596 Datasheet HTML 20Page - Texas Instruments OPA596 Datasheet HTML 21Page - Texas Instruments OPA596 Datasheet HTML 22Page - Texas Instruments OPA596 Datasheet HTML 23Page - Texas Instruments OPA596 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
7.2.1.2 Detailed Design Procedure
Piezoelectric actuators offer many benefits over traditional solenoid counterparts. Piezoelectric actuators are
more precise, power efficient, and smaller in general when compared to solenoid actuators. One challenge
with piezoelectric actuators is that the piezoelectric actuators operate over a very wide voltage range. Driving
voltages of more than 60V are not uncommon, and can easily reach hundreds of volts. The OPAx596 operate
with a supply voltage of up to 85V.
In this design example, the OPAx596 are used to provide a 100VPP signal to control a high-voltage piezoelectric
actuator (see also Figure 7-1). The piezoelectric actuator can be modeled as a large capacitor when operated at
less than the resonant frequency. The piezoelectric actuator is treated as a floating load driven by two op amps
of the OPAx596. The outputs of the op amps are set to be 180° out-of-phase to essentially double the voltage
seen by the actuator load. The signal voltage of the digital-to-analog converter is applied a −10V/V gain by the
OPAx596. A simple voltage divider provides a dc reference to level shift the output to get a unipolar driving
voltage. Figure 7-2 shows the output voltage of both amplifiers and the voltage seen by the piezoelectric load.
The large capacitive load seen by the amplifiers can lead to instability and proper compensation is required. A
straight forward method to improve phase margin and stability is to add isolation resistors and compensation
capacitors in the feedback. A small 10Ω RISO at the output of each of the OPAx596 and a 1nF compensation
capacitor is effective. Keep the isolation resistors as small as possible to minimize the voltage drop across them.
Choose the compensation capacitors according to the frequency of operation. For this example, 1nF capacitors
leave enough bandwidth to accommodate a 100Hz signal. Use simulation tools, such as PSPICE or TINA-TI, to
confirm stability.
Understanding the limitations of this circuit are important. As with any capacitive load, the impedance can
significantly decrease at higher frequencies. This behavior greatly increases the current output capability
requirements of the driver amplifier at high frequencies. If high frequency operation is required, consider other
amplifiers with higher current drive capability. At 100Hz, the OPAx596 is capable of supplying the necessary
current. Figure 7-3 shows the current output of the OPAx596 in this example.
7.2.1.3 Application Curves
Figure 7-2. Piezoelectric Driver Output Voltage
Time (ms)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
Piezoelectric Drive Current
Figure 7-3. Piezoelectric Driver Output Current
OPA596, OPA2596
SBOSA42B – JUNE 2024 – REVISED DECEMBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com