Electronic Components Datasheet Search
  English  ▼

X  

RF5187 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5187
Description  LOW POWER LINEAR AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5187 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5187 Datasheet HTML 1Page - RF Micro Devices RF5187 Datasheet HTML 2Page - RF Micro Devices RF5187 Datasheet HTML 3Page - RF Micro Devices RF5187 Datasheet HTML 4Page - RF Micro Devices RF5187 Datasheet HTML 5Page - RF Micro Devices RF5187 Datasheet HTML 6Page - RF Micro Devices RF5187 Datasheet HTML 7Page - RF Micro Devices RF5187 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RF5187
Rev A7 DS060630
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1RF IN
RF input. This input is DC-coupled, so an external blocking capacitor is
required if this pin is connected to a DC path. An optimum match to 50
Ω is
obtained by providing an external series capacitor of 2.4pF and then a
shunt capacitor of 2.4pF. Those values are typical for 2140MHz; other val-
ues may be required for other frequencies.
2RF IN
Same as pin 1.
3PC
Power control pin. For obtaining maximum performance, the voltage on
this pin can be used to set correct bias level. For low power linear applica-
tions, it is recommended that a constant bias control loop be used (see
datasheet evaluation board schematic). A voltage of 0.5V or less at VPC
brings the part into Power Down State.
4VCC
Power supply pin for the bias circuits. External low frequency bypass capac-
itors should be connected if no other low frequency decoupling is nearby.
5RF OUT
RF output and bias for the output stage. The power supply for the output
transistor needs to be supplied to this pin. This can be done through a
quarter-wavelength microstrip line that is RF-grounded at the other end, or
through an RF inductor that supports the required DC currents. Optimum
load impedance is achieved by providing a shunt capacitor of 1.8pF and a
series capacitor of 3.3pF. Those values are typical for 2140MHz; other val-
ues may be required for other frequencies. Since there are several output
pins available (which are internally connected), one pin can be used for
connecting the bias, another for connecting a (third) harmonic trap filter,
and the other pins for the RF output.
6RF OUT
Same as pin 5.
7RF OUT
Same as pin 5.
8RF OUT
Same as pin 5.
Pkg
Base
GND
Ground connection. The backside of the package should be connected to
the ground plane through a short path (i.e., vias under the device may be
required).
Shaded lead is pin 1.
0.157
0.150
0.244
0.230
0.196
0.189
0.0192
0.0138
0.050
0.065
0.055
0.004
0.002
-A-
8° MAX
0° MIN
0.035
0.016
0.0098
0.0075
0.087
0.071
0.123
0.107
EXPOSED
HEATSINK
Dimensions in inches.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com