Electronic Components Datasheet Search
  English  ▼

X  

MC4558 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MC4558
Description  Wide bandwidth dual bipolar operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC4558 Datasheet(HTML) 2 Page - STMicroelectronics

  MC4558 Datasheet HTML 1Page - STMicroelectronics MC4558 Datasheet HTML 2Page - STMicroelectronics MC4558 Datasheet HTML 3Page - STMicroelectronics MC4558 Datasheet HTML 4Page - STMicroelectronics MC4558 Datasheet HTML 5Page - STMicroelectronics MC4558 Datasheet HTML 6Page - STMicroelectronics MC4558 Datasheet HTML 7Page - STMicroelectronics MC4558 Datasheet HTML 8Page - STMicroelectronics MC4558 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute maximum ratings
MC4558
2/11
Doc ID 2181 Rev 3
1
Absolute maximum ratings
Table 2.
Key parameters and their absolute maximum ratings
Symbol
Parameter
MC4558I
MC4558C
Unit
VCC
Supply voltage
±22
V
Vi
(1)
1.
Input voltage is with respect to the midpoint between Vcc+ and Vcc-. Its value must never exceed 15 V or
the magnitude of Vcc, whichever is less.
Input voltage
±15
V
Vid
(2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
Differential input voltage
±30
V
Ptot
Power dissipation
680
mW
Output short-circuit duration
Infinite
Toper
Operating free-air temperature range
-40 to +105
0 to +70
°C
Rthja
Thermal resistance junction-to-ambient:
SO-8
TSSOP8
DIP8
125
120
85
°C/W
ESD
HBM: Human body model(3)
3.
Human body model, 100 pF discharged through a 1.5 k
Ω resistor into pin of device.
500
V
MM: Machine model(4)
4.
Machine model ESD, a 200 pF cap is charged to the specified voltage, then discharged directly into the IC
with no external series resistor (internal resistor < 5
Ω), into pin of device.
200
CDM: Charged device model
1500
Table 3.
Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
±2
±20
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com