Electronic Components Datasheet Search
  English  ▼

X  

RF5117C Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5117C
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117C Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5117C Datasheet HTML 2Page - RF Micro Devices RF5117C Datasheet HTML 3Page - RF Micro Devices RF5117C Datasheet HTML 4Page - RF Micro Devices RF5117C Datasheet HTML 5Page - RF Micro Devices RF5117C Datasheet HTML 6Page - RF Micro Devices RF5117C Datasheet HTML 7Page - RF Micro Devices RF5117C Datasheet HTML 8Page - RF Micro Devices RF5117C Datasheet HTML 9Page - RF Micro Devices RF5117C Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
RF5117C
Rev A6 DS071018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
The RF5117C can be used with an IEEE802.11g modulation with a few modifications. Pin 2 should not be connected to ground
and a 4.7k
Ω resistor should be placed on the VREG1 line. This is done on the evaluation board by cutting the VREG1 trace and
placing the resistor on the open line. All other components should not be modified and the IEEE802.11g schematic should be
followed as closely as possible.
Power sensing is implemented with the PWR SEN and PWR REF lines. The outputs of these pins are transistor collectors and
need to be pulled up to the supply through a resistor. PWR REF provides an output current proportional to the output stage bias
current, and PWR SEN provides an output current proportional to the total (RF and bias) current of the output stage. The pull-
up resistors convert these currents to voltages, and the voltage difference between these two pins is proportional to the RF
current. See the graph, “VREF-VSENSE versus POUT”, for the response of this signal. This difference signal can be fed to a power
control circuit elsewhere in the end product, or it can be processed at the PA with additional circuitry and used to adjust the
VREG voltage(s) to implement automatic level control. Contact RFMD Sales or Applications Engineering for additional data and
guidance in using this feature.
The RF5117C has primarily been characterized with a voltage on VREG1 and VREG2 of 2.7VDC. However, the RF5117C will oper-
ate from a wide range of control voltages. If you prefer to use a control voltage that is significantly different than 2.7VDC, con-
tact RFMD Sales or Applications Engineering for additional data and guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com