Electronic Components Datasheet Search
  English  ▼

X  

1221 Datasheet(PDF) 1 Page - CEE Norm UK Ltd

Part # 1221
Description  Socket Outlets
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEENORM [CEE Norm UK Ltd]
Direct Link  https://www.ceenorm.co.uk/
Logo CEENORM - CEE Norm UK Ltd

1221 Datasheet(HTML) 1 Page - CEE Norm UK Ltd

  1221 Datasheet HTML 1Page - CEE Norm UK Ltd 1221 Datasheet HTML 2Page - CEE Norm UK Ltd 1221 Datasheet HTML 3Page - CEE Norm UK Ltd 1221 Datasheet HTML 4Page - CEE Norm UK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 1221

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1221 YANTEL-1221 Datasheet
80Kb / 2P
Variable RF Inductor
logo
Alpha Wire
1221 ALPHAWIRE-1221 Datasheet
106Kb / 3P
Customer Specification
9/8/2022
logo
ASSUN MOTOR Pte Ltd.
1221 ASSUN-1221 Datasheet
314Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
1221 ASSUN-1221 Datasheet
241Kb / 1P
STANDARD SERIES
2023-A
1221 ASSUN-1221 Datasheet
282Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 1221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K2946ALM ETC2-K2946ALM Datasheet
273Kb / 3P
Metalclad Plus??Socket Outlets
L630FI ETC2-L630FI Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
PV1000HF ETC2-PV1000HF Datasheet
532Kb / 4P
PowerVerter짰 1000W Compact Inverter with 4 Outlets
PV1800HF ETC2-PV1800HF Datasheet
519Kb / 4P
PowerVerter짰 1800W Compact Inverter with 4 Outlets
logo
Shenzhen Huazhimei Semi...
HM6600 HMSEMI-HM6600 Datasheet
377Kb / 7P
Wall-Adapter/Power Plugs, Outlets
logo
Schneider Electric
PH8 SCHNEIDER-PH8 Datasheet
62Kb / 2P
APC Home Office SurgeArrest 8 Outlets, 120V
Apr 8, 2020
BE425M SCHNEIDER-BE425M Datasheet
76Kb / 2P
APC Back-UPS, 6 Outlets, 425VA, 120V
logo
TP-Link Technologies Co...
HS107 TP-LINK-HS107 Datasheet
1Mb / 5P
Kasa Smart Wi-Fi Plug 2-Outlets
logo
Schurter Inc.
BC320 SCHURTER-BC320 Datasheet
118Kb / 1P
Blind cover for appliance outlets
BC320 SCHURTER-BC320_V01 Datasheet
118Kb / 1P
Blind cover for appliance outlets
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com