Electronic Components Datasheet Search
  English  ▼

X  

2768280 Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2768280
Description  Multicomp Pro Stripboard Multicomp Pro Stripboard
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2768280 Datasheet(HTML) 2 Page - Multicomp Pro

  2768280 Datasheet HTML 1Page - Multicomp Pro 2768280 Datasheet HTML 2Page - Multicomp Pro 2768280 Datasheet HTML 3Page - Multicomp Pro 2768280 Datasheet HTML 4Page - Multicomp Pro 2768280 Datasheet HTML 5Page - Multicomp Pro 2768280 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page <2>
V1.0
09/09/20
Multicomp Pro Stripboard
and Accessories Kit
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• 1.6mm Thick Phenolic prototyping boards
• Pre-drilled index holes on a 0.1” (2.54mm) pitch
• Copper pads and tracks on one side of the board
• Flame resistant to UL94V-0
• Handy screw mounting holes in each corner
• Grid patterns designed for prototyping with ICs
• 95mm × 72mm
• 780 Holes and bus tracks for mounting standard ICs
Notes
1. No Mark
2. Tolerance unless otherwise specified ±0.3
3. Material: 1.6mm Thickness 94V-0 Single Side
Dimensions : Millimetres
Stripboard
Stripboard
Features
• 1.6mm Thick Phenolic prototyping boards
• Pre-drilled index holes on a 0.1” (2.54mm) pitch
• Copper pads and tracks on one side of the board
• Flame resistant to UL94V-0
• Handy screw mounting holes in each corner
• Grid patterns designed for prototyping with ICs
• 72mm × 47mm
• 417 Holes arranged for mounting standard ICs
2768280
2768279



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com